ALDY-32-R
AI

## ALDY-32-R Electronic Parts & Specifications
The **ALDY-32-R** is a specific part number typically associated with **Fujitsu/Takamisawa** signal relays (specifically the AL-D series). These are precision electromechanical switches designed for low-signal switching applications.
---
### 1. Key Technical Specifications
The "ALDY-32-R" part code defines its electrical and physical characteristics. Here is a breakdown of its primary electronic properties:
| Feature | Specification |
| :--- | :--- |
| **Relay Type** | Polarized Latching Relay |
| **Contact Arrangement** | 2 Form C (DPDT - Double Pole Double Throw) |
| **Coil Voltage** | 3V DC (indicated by the '3') |
| **Coil Type** | Dual Winding (Latching) |
| **Contact Rating** | 1A at 30VDC / 0.5A at 125VAC |
| **Power Consumption** | Approx. 200mW (Standard) |
| **Mounting Type** | Through-hole (PCB) |
---
### 2. Electronic Component Breakdown
#### A. The Coil (Actuator)
The "DY" suffix indicates a **2-coil latching** mechanism.
* **Latching Function:** Unlike standard relays that require continuous power to stay "ON," this part uses a permanent magnet. You apply a short pulse to one coil to "Set" the state, and a pulse to the second coil to "Reset" it.
* **Energy Efficiency:** It consumes zero power once the state is switched, making it ideal for battery-powered devices.
#### B. The Contacts
* **Gold Overlay:** The contacts are typically silver-palladium with a gold overlay. This ensures high reliability when switching "dry circuits" (very low current/voltage) by preventing oxidation.
* **Bifurcated Design:** The contacts are split (bifurcated) to increase the surface area and ensure a solid connection even if microscopic dust is present.
#### C. The Housing
* **Sealed Structure:** The "R" at the end often denotes specific packaging or environmental sealing (Plastic Sealed), allowing the part to withstand wave soldering and cleaning processes.
---
### 3. Typical Applications
Because of its small footprint and latching nature, the ALDY-32-R is commonly found in:
* **Telecommunications:** Switching signal lines in PBX or modems.
* **Test & Measurement:** Routing signals in oscilloscopes or multimeters.
* **Medical Equipment:** Low-power signal isolation.
* **Audio Equipment:** Input/Output switching where low distortion is required.
---
### 4. Comparison Table: Single vs. Dual Coil (AL-D Series)
| Specification | Single Coil (AL-D) | Dual Coil (AL-DY) |
| :--- | :--- | :--- |
| **Pins** | Usually 6-8 pins | Usually 10 pins |
| **Operation** | Pulse to Set / Reverse Polarity to Reset | Pulse Coil A to Set / Pulse Coil B to Reset |
| **Complexity** | Simple Driving Circuit | Requires two driving transistors/gates |
---
- ⤷
What is the difference between a latching relay and a non-latching relay in terms of circuit design?
- ⤷ Can you provide a wiring diagram for a 2-coil latching relay?
- ⤷ What are the equivalents or alternatives to the Fujitsu AL-D series?