ALM-11-R/Q
AI

The **ALM-11-R/Q** series refers to high-performance, low-noise amplifier (LNA) modules typically used in wireless infrastructure and telecommunications applications. These components are manufactured by Broadcom (formerly Avago Technologies).
---
## 1. Core Technical Overview
The ALM-11 series consists of Gallium Arsenide (GaAs) MMIC (Monolithic Microwave Integrated Circuit) modules. They are designed to operate at the front end of a receiver to amplify weak signals while adding minimal noise.
### Key Specifications
| Feature | Specification (Typical) |
| :--- | :--- |
| **Technology** | GaAs pHEMT (Pseudomorphic High Electron Mobility Transistor) |
| **Supply Voltage** | 5.0 V (Typical) |
| **Gain** | ~14 to 18 dB (Frequency dependent) |
| **Noise Figure** | < 1.0 dB (Very low noise) |
| **Interface** | 50 $\Omega$ input/output matching |
| **Package Type** | MCOB (Miniature Chip-on-Board) |
---
## 2. Functionality and Pin Configuration
These modules are "plug-and-play" LNAs, meaning they often include internal matching circuitry, reducing the need for external components.
### Internal Components
1. **Transistor Stage:** Utilizes pHEMT technology for high linearity and low noise.
2. **Matching Network:** Internal circuitry ensures the input and output impedances are tuned to 50 ohms for standard RF systems.
3. **Shutdown Logic:** Often includes a "Power Down" or "Shutdown" pin to conserve energy when the receiver is inactive.
### Typical Pin Layout (Simplified)
| Pin # | Name | Description |
| :--- | :--- | :--- |
| 1 | RFin | Radio Frequency Input |
| 2 | Vdd | DC Supply Voltage (Power) |
| 3 | RFout | Radio Frequency Output |
| 4 | Vsd | Shutdown Control (Digital) |
| 5-8 | GND | Ground connections for thermal dissipation |
---
## 3. Applications
The ALM-11 series is specifically engineered for high-reliability environments where signal integrity is critical:
* **Cellular Base Stations:** Used in GSM, CDMA, W-CDMA, and LTE bands.
* **Tower Mounted Amplifiers (TMA):** Boosting signals directly at the antenna site.
* **Repeaters:** Maintaining signal strength over long distances.
* **Small Cells/Femtocells:** Providing indoor cellular coverage.
---
## 4. Example Implementation (Schematic Concept)
When integrating an ALM-11-R/Q into a PCB design, the layout should look similar to this logic:
```cpp
// Pseudo-layout logic for RF path
[Antenna] -> [Bandpass Filter] -> [ALM-11 RFin] -> [Internal Amplification] -> [ALM-11 RFout] -> [Mixer/Demodulator]
```
---
- ⤷
What are the main differences between the R and Q variants of the ALM-11 series?
- ⤷ How does the noise figure of the ALM-11 compare to standard CMOS amplifiers?
- ⤷ What are the recommended thermal management techniques for MCOB packages?