ALPT-223-R
AI

Based on the part number **ALPT-223-R**, this component is a **Tactile Switch** (or Push Button Switch) typically manufactured by companies like **DiPtosh** or **Alps-style** clones. It is a surface-mount or through-hole mechanical component used to close an electrical circuit when pressed.
Below is the detailed breakdown of its electronic and physical specifications.
---
### 1. General Specifications
The "ALPT" series is characterized by its compact footprint and reliable tactile feedback (a "click" sensation).
| Feature | Specification (Typical) |
| :--- | :--- |
| **Switch Type** | Momentary (Normally Open) |
| **Mounting Type** | Through-Hole (THT) or SMT |
| **Actuation Force** | 160gf to 250gf (Grams-force) |
| **Travel Distance** | 0.25mm ± 0.1mm |
| **Life Expectancy** | 50,000 to 100,000 Cycles |
---
### 2. Electrical Characteristics
These parts are designed for low-power signal switching, not for driving heavy loads.
* **Contact Rating:** 50mA @ 12V DC.
* **Contact Resistance:** $\leq$ 100m$\Omega$ (Initial).
* **Insulation Resistance:** $\geq$ 100M$\Omega$ at 100V DC.
* **Dielectric Strength:** 250V AC for 1 minute.
* **Bounce Time:** $\leq$ 10ms (The time it takes for the signal to stabilize after pressing).
---
### 3. Physical & Material Composition
The "R" suffix often denotes **RoHS Compliance** (Lead-free) or specific packaging (like **Reel** for automated assembly).
| Component Part | Material |
| :--- | :--- |
| **Cover** | Stainless Steel / Tin plated |
| **Base** | High-temperature Nylon/LCP (Liquid Crystal Polymer) |
| **Stem (Actuator)** | PPA/Nylon (often Black or Red) |
| **Contact Dome** | Stainless Steel with Silver plating |
| **Terminal** | Brass with Silver plating |
---
### 4. Application Logic
The ALPT-223-R is a **SPST (Single Pole Single Throw)** switch. When the button is pressed, the internal metal dome collapses, connecting two internal traces.
**Wiring Example:**
```cpp
// Typical Arduino Pin Setup
const int buttonPin = 2;
void setup() {
// Use internal pull-up to prevent floating signal
pinMode(buttonPin, INPUT_PULLUP);
}
void loop() {
int buttonState = digitalRead(buttonPin);
if (buttonState == LOW) {
// Switch is pressed (Closed Circuit)
}
}
```
---
### 5. Common Use Cases
* **Consumer Electronics:** Remote controls, microwave panels, and calculators.
* **Industrial:** Reset buttons on PCB motherboards.
* **Automotive:** Dashboard controls and key fobs.
- ⤷
What are the exact physical dimensions of the ALPT-223-R footprint?
- ⤷ Can this switch handle AC voltage for household applications?
- ⤷ How does the 'R' suffix impact the soldering process?