ALR-513-R/BL
AI

The **ALR-513-R/BL** is a specialized electronic component, typically categorized as a high-reliability **Power Entry Module (PEM)** or an **EMI/RFI Filter** used in power management systems.
Below is a breakdown of its electronic characteristics and specifications.
---
### 1. Component Overview
This part is designed to sit between the main power source and the internal circuitry of a device. Its primary functions are noise suppression (filtering) and providing a secure physical interface for power input.
### 2. Technical Specifications
While specific datasheets can vary by manufacturer (often associated with brands like Delta, TE Connectivity, or Schurter), the standard parameters for the "513" series usually include:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Voltage Rating** | 115/250 VAC |
| **Current Rating** | 1A to 10A (Depending on sub-variant) |
| **Operating Frequency** | 50/60 Hz |
| **Leakage Current** | < 0.5 mA at 250VAC |
| **Termination Style** | Faston (Quick Connect) or Solder Lugs |
| **Mounting Type** | Panel Mount (Snap-in or Screw) |
---
### 3. Key Electronic Sub-Parts
The ALR-513 series is more than just a plug; it contains an internal circuit consisting of:
* **Inductors (Chokes):** Used to block high-frequency noise from entering or leaving the device.
* **X-Capacitors:** Connected across the line to filter differential mode noise.
* **Y-Capacitors:** Connected from the line/neutral to the ground to filter common-mode noise.
* **Bleeder Resistor:** Often included to discharge the capacitors when power is disconnected for safety.
### 4. Code Breakdown
* **ALR:** Often indicates the series or manufacturer specific prefix (Common in power filtration).
* **513:** Denotes the physical housing size and internal circuit configuration.
* **-R:** Usually signifies **Resistance** (built-in discharge resistor) or **RoHS** compliance.
* **-BL:** Typically refers to the color (**Black**) or a specific **Bolt-on/Locking** mounting style.
---
### 5. Application Areas
These parts are essential in environments where electromagnetic interference could cause equipment malfunction:
1. **Medical Equipment:** High-grade filtering to prevent interference with sensitive monitors.
2. **IT Infrastructure:** Used in servers and networking switches.
3. **Industrial Controls:** Protecting PLCs from electrical noise on the factory floor.
- ⤷
What is the specific current rating for the ALR-513-R/BL variant?
- ⤷ How do X and Y capacitors differ in EMI filter circuits?
- ⤷ What are the mechanical mounting dimensions for this part?