ALR-522-R
AI

The **ALR-522-R** is a specific electronic component, primarily recognized as an **Infrared (IR) Receiver Module**. These devices are widely used in consumer electronics to receive and demodulate infrared signals from remote controls.
---
## 1. Core Technical Specifications
The ALR-522-R is designed to detect IR signals (usually around 940nm) and convert them into electrical pulses that a microcontroller can interpret.
| Feature | Description |
| :--- | :--- |
| **Operating Voltage** | Typically 2.7V to 5.5V |
| **Carrier Frequency** | 38 kHz (Standard for most IR remotes) |
| **Reception Distance** | Up to 15–20 meters |
| **Reception Angle** | ± 45 Degrees |
| **Package Type** | Through-hole, molded plastic with built-in filter |
---
## 2. Pin Configuration
The module typically features three pins. While you should always verify with a specific datasheet, the standard layout for this series is:
1. **OUT (Signal):** The demodulated output signal that connects to the I/O pin of a microcontroller (like Arduino or ESP32).
2. **GND (Ground):** The 0V reference connection.
3. **VCC (Power):** The positive supply voltage input.
---
## 3. Internal Block Components
The "magic" of the ALR-522-R lies in its internal integrated circuit. It is not just a photodiode; it contains several sub-circuits:
### A. Photodiode
A high-speed PIN photodiode that converts light energy (IR) into an electrical current.
### B. Preamplifier & AGC
* **Preamplifier:** Boosts the weak signal from the photodiode.
* **Automatic Gain Control (AGC):** Adjusts the sensitivity to handle both very close and very far IR sources while filtering out ambient noise.
### C. Band Pass Filter
This is tuned specifically to **38 kHz**. It blocks out steady light (sunlight) and other frequencies, ensuring the device only reacts to the modulated pulses of a remote control.
### D. Demodulator
The final stage removes the 38 kHz carrier wave and outputs the raw binary data (High/Low pulses) to the OUT pin.
---
## 4. Typical Application Circuit
When connecting this to a system, it is common practice to include a basic RC filter to ensure power stability.
```cpp
// Basic Example: Connecting ALR-522-R to Arduino
// VCC -> 5V
// GND -> GND
// OUT -> Digital Pin 2
int irPin = 2;
void setup() {
pinMode(irPin, INPUT);
Serial.begin(9600);
}
void loop() {
int signal = digitalRead(irPin);
if (signal == LOW) {
Serial.println("IR Signal Detected!");
}
}
```
- ⤷
What are the differences between the 38kHz and 56kHz versions of IR receivers?
- ⤷ How can I filter out ambient sunlight interference when using the ALR-522-R?
- ⤷ Can this module be used for long-distance data transmission or only for remote control signals?