Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ALSP-131-R/Q

  • AI
    The **ALSP-131-R/Q** is a specific variant of a sub-miniature, low-profile power relay, typically manufactured by companies like **American Zettler** or specialized industrial component suppliers. These relays are designed for high-density PCB (Printed Circuit Board) mounting. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The ALSP-131 series is characterized by its "Sugar Cube" or slim styling, optimized for switching significant power despite its small footprint. | Feature | Specification (Typical) | | :--- | :--- | | **Contact Form** | 1 Form A (SPST-NO) | | **Max Switching Current** | 3A to 5A (depending on specific sub-model) | | **Max Switching Voltage** | 250 VAC / 30 VDC | | **Coil Voltage (Nominal)** | 5V, 12V, or 24V DC (R/Q denotes specific sensitivity) | | **Dielectric Strength** | 2,000 Vrms (between coil and contacts) | | **Life Expectancy** | 100,000 operations (Electrical) | --- ### 2. Part Number Breakdown (Suffix Deciphering) The "R/Q" suffix is critical for understanding the coil sensitivity and environmental sealing: * **ALSP-131**: The base series model (Sub-miniature power relay). * **R**: Generally signifies a **Sensitive Coil** version. This means the relay requires less power (lower wattage) to trigger the electromagnetic switch compared to the standard version. * **Q**: Often refers to the **Contact Material** or **Sealing Type**. In many industrial naming conventions, it indicates a "Sealed" or "Wash Tight" construction, allowing the PCB to be cleaned with solvents without damaging the relay. --- ### 3. Internal Components The electronic functionality is driven by three main internal sections: 1. **The Coil (Input):** A copper wire winding around an iron core. When DC voltage is applied, it creates a magnetic field. 2. **The Armature/Spring:** A mechanical linkage that moves when the magnetic field is active. 3. **The Contacts (Output):** Usually made of **Silver Alloy (AgSnO2)**. These are the physical points that open or close the external circuit. --- ### 4. Typical Applications Because of its small size and reliable switching, the ALSP-131-R/Q is commonly found in: * **Home Appliances:** Control boards for microwaves or coffee makers. * **HVAC Systems:** Controlling fans or small motors. * **Industrial Automation:** PLC output modules. * **Security Systems:** Triggering alarms or door strikes. --- ### 5. Technical Precautions * **Flyback Diode:** Since this is an inductive load (the coil), you should always place a diode (like a 1N4148) in parallel with the coil (pointing toward the positive rail) to prevent voltage spikes when the relay is turned off. * **Footprint:** Ensure the PCB layout matches the 4-pin or 5-pin configuration specified in the datasheet, as "Sub-miniature" relays can have varying pin pitches.
    ✨ Follow-up Questions
    • ⤷ What is the exact coil resistance for the 12V version of this relay?
    • ⤷ Can this relay be used to switch inductive motor loads directly?
    • ⤷ What is the difference between the 'R' sensitive coil and a standard coil in terms of power consumption?