Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ALSP-212-R

  • AI
    The **ALSP-212-R** is a high-performance, single-pole double-throw (SPDT) **RF Coaxial Switch**. These components are critical in telecommunications and radio frequency (RF) engineering for routing signals between different paths with minimal loss. --- ### 1. Key Technical Specifications The following table highlights the primary electronic characteristics typically associated with the ALSP-212-R series: | Feature | Specification | Description | | :--- | :--- | :--- | | **Switch Type** | SPDT | Single Pole Double Throw (1 Input, 2 Outputs) | | **Frequency Range** | DC to 18 GHz | Covers microwave and satellite communication bands | | **Impedance** | 50 Ohms | Standard matching for RF systems | | **Actuator Voltage** | 12V - 28V DC | Typical range for electromechanical operation | | **Insertion Loss** | < 0.5 dB | Minimal signal degradation during transmission | | **Isolation** | > 60 dB | High prevention of signal leakage to the "off" port | --- ### 2. Electronic Sub-Components The device is comprised of three main electronic and mechanical sections: #### A. The Actuator (Solenoid) This is the "engine" of the part. It consists of a coil of wire that, when energized by a DC voltage, creates a magnetic field. This field moves a plunger that physically toggles the RF contacts. #### B. RF Contact Assembly Because this is a high-frequency part, the internal contacts are often gold-plated to ensure low resistance and prevent oxidation. The internal geometry is precision-engineered to maintain a **50-ohm environment**, preventing signal reflections (VSWR). #### C. Control Interface The "R" in the part number often denotes specific features like **Indicators** or **TTL Logic compatibility**. * **Indicators:** Auxiliary electronic contacts that allow a remote system to "read" the current position of the switch. * **Suppression Diodes:** Often included to protect the control circuit from voltage spikes (back EMF) generated when the solenoid is deactivated. --- ### 3. Connection Pinout Logic Most ALSP series switches utilize a multi-pin connector (often D-Sub or Solder Pins) with the following logic: 1. **Common (C):** The main RF input/output port. 2. **Port 1 & Port 2:** The switched RF paths. 3. **DC Terminals (+/-):** Power pins to trigger the switch. 4. **Indicator Pins:** Separate circuit for status feedback. --- ### 4. Applications * **Automated Test Equipment (ATE):** Routing a single signal generator to multiple devices under test. * **Redundancy Switching:** Automatically switching to a backup antenna if the primary fails. * **Signal Path Selection:** Used in base stations to switch between transmit and receive modes.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power rating (Watts) for the ALSP-212-R?
    • ⤷How do 'Failsafe' and 'Latching' actuator types differ in this model?
    • ⤷What are the typical connector types used (SMA vs N-Type) for this frequency range?