Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ALSP-213-R

  • AI
    The **ALSP-213-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are essential for managing current flow and filtering noise in power management circuits. --- ### 1. Technical Specifications The "ALSP" series generally adheres to high-performance standards for compact electronics. Below are the typical characteristics associated with this specific part number: | Parameter | Description | | :--- | :--- | | **Component Type** | Power Inductor / SMD Inductor | | **Inductance Value** | Typically indicated by the "213" code (e.g., 21 mH or 210 µH depending on series multiplier) | | **Mounting Type** | Surface Mount (SMT) | | **Core Material** | Ferrite or Metal Composite (High Saturation) | | **Shielding** | Usually Magnetic Shielding (to prevent EMI) | | **RoHS Compliance** | Yes (indicated by the "-R" suffix) | --- ### 2. Key Electronic Functions The ALSP-213-R performs several critical roles within a PCB assembly: * **Energy Storage:** It stores energy in a magnetic field when electric current flows through it, which is vital for DC-DC converters. * **Filtering:** It acts as a low-pass filter, allowing DC current to pass while blocking high-frequency noise or "ripple" from power supplies. * **Voltage Regulation:** Helps maintain a steady output voltage in switching regulators (Buck, Boost, or Buck-Boost converters). --- ### 3. Structural Design The construction of the ALSP-213-R is optimized for automated assembly and durability: 1. **Terminals:** Flat base terminals designed for stable soldering onto pads. 2. **Shielding:** The "R" suffix often denotes a shielded construction, which minimizes **Electromagnetic Interference (EMI)** with nearby sensitive components like CPUs or wireless modules. 3. **Encapsulation:** Often housed in a heat-resistant resin to withstand reflow soldering temperatures. --- ### 4. Common Applications * **Consumer Electronics:** Smartphones, tablets, and laptops. * **Power Supplies:** Low-profile VRM (Voltage Regulator Modules). * **Automotive:** Infotainment systems and LED lighting drivers. * **Telecommunications:** Base station power distribution.
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value for the 213 code in this series?
    • ⤷ How does magnetic shielding in the ALSP-213-R improve circuit performance?
    • ⤷ What are the recommended soldering temperature profiles for this SMD component?