AI

The **ALSP-233-R/Q** is a specific surface-mount (SMD) tact switch commonly used in consumer electronics, automotive interfaces, and industrial controls. It belongs to a category of momentary switches designed for high durability and a small footprint.
---
### 1. Technical Specifications
The following table summarizes the core electronic and physical characteristics of the ALSP-233-R/Q:
| Feature | Specification |
| :--- | :--- |
| **Type** | Momentary Tactile Switch |
| **Mounting Type** | Surface Mount (SMD / SMT) |
| **Circuit Type** | SPST (Single Pole, Single Throw) |
| **Actuation Force** | Typically 1.6N to 2.5N (160gf - 250gf) |
| **Contact Rating** | 50mA @ 12V DC |
| **Contact Resistance** | < 100 mΩ |
| **Operating Life** | 100,000 to 500,000 cycles (model dependent) |
| **Travel** | 0.25mm ± 0.1mm |
---
### 2. Key Internal Components
The functionality of this part relies on three primary internal sections:
1. **Contact Dome (The Heart):** This is a stainless steel or phosphor bronze disc. When pressed, it collapses to complete the circuit and provides the "click" tactile feedback.
2. **Base (Housing):** Usually made of high-temperature resistant thermoplastic (LCP or Nylon) to survive the IR reflow soldering process.
3. **Terminals:** Silver-plated brass or copper alloy leads that ensure high conductivity and ease of soldering to the PCB.
---
### 3. Part Number Suffix Breakdown
In the electronics industry, suffixes often denote specific packaging or physical variations:
* **-R:** Usually indicates **Tape and Reel** packaging, which is necessary for high-speed automated pick-and-place assembly machines.
* **-Q:** Often refers to specific **Operating Force** or **Contact Material** (Silver plating), though this can vary slightly by manufacturer.
---
### 4. Circuit Diagram
The switch acts as a simple bridge between two pads on a PCB.
```text
[ Terminal 1 ] ----\ ---- [ Terminal 2 ]
|
(Tactile Dome)
|
[ Terminal 3 ] ----/ ---- [ Terminal 4 ]
```
*Note: In most 4-pin tact switches, Terminal 1 is internally connected to Terminal 2, and 3 is connected to 4. Pressing the button bridges the 1-2 pair to the 3-4 pair.*
---
- ⤷
What are the footprint dimensions for the ALSP-233 series?
- ⤷ How does the 'R' suffix affect the soldering process?
- ⤷ Can this switch be used in 24V DC control circuits?