AI

The **ALTG-311-R** is a high-performance, ultra-compact GPS/GNSS receiver module. It is primarily designed for integration into small-scale electronic systems like IoT devices, drones, and portable tracking hardware.
---
### 1. Key Technical Specifications
The following table summarizes the core electronic characteristics of the ALTG-311-R:
| Feature | Specification |
| :--- | :--- |
| **Chipset** | High-sensitivity GNSS Engine |
| **Supported Systems** | GPS, QZSS (often GLONASS/Galileo compatible) |
| **Form Factor** | SMD (Surface Mount Device) |
| **Input Voltage** | 3.3V DC (Typical) |
| **Power Consumption** | ~30mA (Acquisition), ~25mA (Tracking) |
| **Sensitivity** | -165 dBm (Tracking) |
| **Interface** | UART (TTL Level) |
---
### 2. Major Electronic Components & Subsystems
The module functions through several critical internal components:
#### A. The GNSS Processor
The "brain" of the module. It performs the complex mathematical calculations (trilateration) required to convert raw satellite signals into latitude, longitude, and altitude data.
#### B. Low Noise Amplifier (LNA)
Because satellite signals are extremely weak by the time they reach Earth, the ALTG-311-R includes an integrated LNA. This component boosts the signal strength while minimizing added background noise.
#### C. SAW Filter (Surface Acoustic Wave)
This acts as a gatekeeper. It filters out electromagnetic interference (EMI) from nearby cellular signals or Wi-Fi, ensuring only the specific GNSS frequencies reach the processor.
#### D. TCXO (Temperature Compensated Crystal Oscillator)
To maintain a stable "lock" on satellites, the module needs a highly precise clock. The TCXO ensures the timing remains accurate even if the device heats up during operation.
---
### 3. Connection Pinout (Typical UART)
For developers integrating this into a PCB, the electronic interface usually follows this logic:
* **VCC:** Main power supply.
* **GND:** System ground.
* **TX:** Transmits NMEA data (location strings) to the microcontroller.
* **RX:** Receives configuration commands from the microcontroller.
* **PPS:** Pulse Per Second output for high-precision timing applications.
---
### 4. Implementation Requirements
To ensure the electronic parts function correctly, the following are required:
1. **Antenna:** Must be connected to an active or passive 1575.42 MHz antenna.
2. **Decoupling Capacitors:** Small capacitors (usually 0.1µF and 10µF) should be placed near the VCC pin to filter power noise.
3. **Level Shifting:** If using a 5V microcontroller (like an Arduino Uno), a logic level shifter is needed to protect the 3.3V UART pins.
- ⤷
What is the maximum update rate (Hz) for the ALTG-311-R?
- ⤷ Can this module support GLONASS and Galileo simultaneously?
- ⤷ What is the recommended antenna type for this specific SMD module?