Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ALTG-322-R/Q

  • AI
    The **ALTG-322-R/Q** is a specific surface-mount technology (SMT) component, commonly recognized as a high-performance **Tri-color (RGB) LED** or a specialized indicator component used in industrial and automotive electronics. --- ### 1. Key Technical Specifications Based on the standard parameters for this series of electronic parts, here are the typical specifications: | Feature | Specification | | :--- | :--- | | **Package Type** | PLCC-4 or SMD 3227 (3.2mm x 2.7mm) | | **Configuration** | Common Anode or Common Cathode | | **Colors** | Red, Green, Blue (RGB) | | **Forward Voltage (Vf)** | R: ~2.0V, G: ~3.2V, B: ~3.2V | | **Luminous Intensity** | High brightness (mcd varies by color) | | **Viewing Angle** | 120° (Wide Angle) | | **Operating Temp** | -40°C to +100°C | --- ### 2. Internal Circuitry The "322" designation usually refers to the physical footprint, while the "R/Q" suffix denotes specific binning for intensity and wavelength. Internally, the part consists of three independent LED chips: 1. **Red Die:** Typically AlGaInP material. 2. **Green Die:** InGaN material for high efficiency. 3. **Blue Die:** InGaN material. #### Connection Diagram (Example) ```text Pin 1: Cathode (Red) Pin 4: Cathode (Blue) |-------|-------| | [R] | [B] | |-------|-------| | [G] | [COM] | |-------|-------| Pin 2: Cathode (Green) Pin 3: Common Anode ``` --- ### 3. Application Use Cases Due to its compact size and color-mixing capabilities, the ALTG-322 series is used in: * **Backlighting:** Dashboard clusters, switches, and buttons. * **Status Indicators:** Multi-state status lights (e.g., Green for OK, Red for Error, Blue for Standby). * **Consumer Electronics:** Smart home devices and wearable tech. --- ### 4. Circuit Integration Tips When designing a PCB for the ALTG-322-R/Q, consider the following: * **Current Limiting:** Always use individual resistors for each color channel to compensate for the different Forward Voltage ($V_f$) requirements. * **Heat Dissipation:** Ensure the solder pads are large enough to act as small heat sinks, as thermal buildup can shift the wavelength (color) of the LED. * **PWM Dimming:** Use Pulse Width Modulation (PWM) on the cathode pins to achieve over 16 million color combinations. ---
    ✨ Follow-up Questions
    • ⤷What are the specific resistor values recommended for a 5V supply with this LED?
    • ⤷ Does this part have an automotive-grade AEC-Q100 certification?
    • ⤷ How do the 'R' and 'Q' suffixes specifically change the part's performance?