Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ALTG-411-R

  • AI
    ## Overview of the ALTG-411-R The **ALTG-411-R** is a specific electronic component typically used in telecommunications, networking hardware, or specialized interface modules. It is primarily identified as a **10/100/1000 Base-T Single Port Transformer Module** (Magnetics Module). These components are essential for Ethernet interfaces to ensure signal integrity and electrical isolation. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Component Type** | LAN Magnetics / Ethernet Transformer | | **Configuration** | Single Port (1x1) | | **Speed Support** | 10/100/1000 Mbps (Gigabit Ethernet) | | **Isolation Voltage** | 1500 Vrms (Minimum) | | **Operating Temperature** | 0°C to +70°C (Standard) | | **Package Style** | Surface Mount (SMD) | | **RoHS Compliance** | Yes (Indicated by the "-R" suffix) | --- ### Core Electronic Functions The ALTG-411-R performs four critical roles within an electronic circuit: 1. **Galvanic Isolation:** It protects the delicate PHY (Physical Layer) chip from external electrical surges, static, or ground loops by providing a 1.5kV barrier. 2. **Impedance Matching:** It matches the impedance of the differential pairs from the Ethernet controller to the twisted-pair cable (typically 100 ohms) to minimize signal reflections. 3. **Noise Suppression (Common Mode Choke):** The internal windings act as a filter to suppress electromagnetic interference (EMI) and common-mode noise, ensuring the device passes EMC certifications. 4. **Signal Transformation:** It converts the internal logic-level signals from the PCB into the balanced differential signals required for transmission over copper cabling (Cat5e/Cat6). --- ### Pinout and Internal Structure While specific pin diagrams depend on the manufacturer's datasheet (often brands like *LINK-PP* or *Bothhand*), the internal circuitry generally includes: * **Primary Side:** Connected to the Ethernet PHY chip. * **Secondary Side:** Connected to the RJ45 connector. * **Center Taps:** Often connected to termination resistors (Bob Smith Termination) to further reduce noise. ```text PHY Side (Input) ---- [ Isolation Transformer ] ---- [ Common Mode Choke ] ---- RJ45 Side (Output) ``` --- ### Typical Applications * **Network Switches/Routers:** Providing the physical interface for LAN ports. * **Embedded Systems:** Integrating Ethernet connectivity into industrial motherboards. * **IP Cameras:** Handling data transmission and isolation for security hardware. * **Set-top Boxes:** Facilitating wired internet connections for media streaming.
    ✨ Follow-up Questions
    • ⤷What is the significance of the -R suffix in this part number?
    • ⤷ Can this component be used for Power over Ethernet (PoE) applications?
    • ⤷ What are the common alternatives or equivalents to the ALTG-411-R?