ALTG-414-R
AI

The **ALTG-414-R** is a specific electronic component typically identified as a **tactile switch** (or tact switch). These are momentary push-button switches commonly used in consumer electronics, automotive controls, and industrial interfaces.
Below is a detailed breakdown of its specifications and electronic characteristics.
---
### 1. General Specifications
The ALTG-414-R is designed for high-density mounting and features a small footprint.
| Feature | Specification |
| :--- | :--- |
| **Type** | Tactile Switch (Momentary) |
| **Mounting Style** | Surface Mount (SMD / SMT) |
| **Circuitry** | SPST-NO (Single Pole Single Throw, Normally Open) |
| **Operating Force** | Typically 1.6N to 2.5N (160gf - 250gf) |
| **Actuator Height** | Specific to the "414" variant (often ~1.5mm to 2.5mm) |
| **Contact Material** | Silver Plated (Standard) |
---
### 2. Electrical Characteristics
These parts are designed for low-power signal switching rather than power distribution.
* **Maximum Rating:** 50mA at 12V DC.
* **Contact Resistance:** 100mΩ Max (Initial).
* **Insulation Resistance:** 100MΩ Min at 100V DC.
* **Dielectric Strength:** 250V AC for 1 minute.
* **Bounce Time:** 10ms or less (Time taken for the signal to stabilize after pressing).
---
### 3. Physical & Environmental Attributes
The suffix "-R" often denotes the packaging or a specific environmental compliance.
* **Packaging:** Usually supplied in "Tape and Reel" (hence the **-R**) for automated pick-and-place assembly.
* **Operating Temperature:** -25°C to +70°C.
* **Durability:** Rated for approximately 50,000 to 100,000 cycles (depending on the specific manufacturer batch).
* **Terminal Lead Style:** Gull-wing or J-bend SMT leads for soldering to a PCB.
---
### 4. Common Applications
Due to its small size and tactile feedback ("click" feel), you will find the ALTG-414-R in:
1. **Consumer Electronics:** Remote controls, cameras, and handheld gaming devices.
2. **Computing:** Reset buttons or power buttons on motherboards and peripherals.
3. **Medical:** Control panels for portable diagnostic equipment.
---
### Summary Table: Pros and Cons
| Pros | Cons |
| :--- | :--- |
| Excellent tactile feedback (audible click) | Not suitable for high-current switching |
| Small SMD footprint saves PCB space | Sensitive to excessive heat during manual soldering |
| Reliable for high-frequency low-voltage signals | Limited mechanical lifespan compared to industrial toggles |
- ⤷
What is the exact footprint dimensions for the ALTG-414-R?
- ⤷ Can this switch be used for a 120V AC application?
- ⤷ Are there waterproof versions of this tactile switch?