Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ALTG-512-R

  • AI
    The **ALTG-512-R** is a specific electronic component typically identified as a **Gas Discharge Tube (GDT)** or a high-voltage surge arrestor. These parts are critical for circuit protection against transient voltage surges (like lightning or industrial switching). --- ## 1. Core Technical Specifications Below are the typical parameters associated with this class of electronic protective devices: | Parameter | Specification (Typical) | Description | | :--- | :--- | :--- | | **DC Spark-over Voltage** | 500V - 600V (±20%) | The voltage at which the gas ionizes and becomes conductive. | | **Impulse Discharge Current** | 5kA - 20kA | The maximum peak current the device can survive (8/20μs wave). | | **Insulation Resistance** | > 1 GΩ | The resistance of the part during normal operation (non-conducting). | | **Capacitance** | < 1.5 pF | Extremely low capacitance, making it ideal for high-speed data lines. | | **Mounting Type** | Radial Lead (R) | The "R" suffix usually denotes a radial through-hole mounting style. | --- ## 2. Internal Electronic Structure The ALTG-512-R operates using the principles of **plasma physics**: * **The Envelope:** A ceramic or glass cylinder that acts as a vacuum-sealed chamber. * **The Gas:** Filled with an inert gas mixture (often containing traces of Noble gases) designed to ionize at a specific breakdown voltage. * **The Electrodes:** Two or three metal electrodes that interface with the circuit. * **Operation:** 1. **High Impedance:** Under normal voltage, the gas is an insulator. 2. **Ionization:** When a surge exceeds 512V (approx), the gas ionizes. 3. **Arc Phase:** The tube enters a "glow" then "arc" discharge state, creating a virtual short circuit to shunt the surge to the ground. --- ## 3. Key Features and Applications ### Features * **High Current Handling:** Can handle thousands of amperes for microseconds. * **Low Capacitance:** Unlike Varistors (MOVs), GDTs do not distort high-frequency signals. * **Robustness:** High durability against repeated strikes. ### Applications 1. **Telecommunications:** Protection for ADSL, VDSL, and Ethernet lines. 2. **Power Supplies:** Secondary protection on AC/DC input stages. 3. **Industrial Equipment:** Protecting PLCs and sensitive sensors from motor-start transients. 4. **CATV/Broadband:** Coaxial line protection. --- ## 4. Selection Considerations When using the ALTG-512-R, engineers must consider: * **Follow-on Current:** Because GDTs stay in a low-resistance state after the surge, the circuit must be designed to "extinguish" the arc once the surge has passed. * **Response Time:** GDTs are slower than TVS diodes; they are often used in a "hybrid" protection circuit with a resistor and a faster diode.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the ALTG-512-R and a standard MOV?
    • ⤷ How do you test the breakdown voltage of a Gas Discharge Tube?
    • ⤷ Can this component be used in high-speed RF applications?