Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ALTG-541-R/Q

  • AI
    The **ALTG-541-R/Q** is a high-performance, single-axis analog MEMS (Micro-Electro-Mechanical Systems) gyroscope. It is primarily used for measuring angular rate (rotational velocity) in industrial and automotive applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications | Parameter | Typical Value / Range | | :--- | :--- | | **Measurement Range** | ±100 °/s to ±400 °/s (depending on specific sub-variant) | | **Output Type** | Analog Voltage | | **Operating Voltage** | 4.75V to 5.25V DC | | **Sensitivity** | ~10 mV/°/s (Variable by model) | | **Bandwidth** | DC to 50 Hz | | **Operating Temperature** | -40°C to +105°C | --- ### 2. Functional Electronic Components The device integrates several critical stages within its small footprint to convert physical motion into an electrical signal: * **MEMS Sensing Element:** A micro-machined silicon structure that utilizes the **Coriolis Effect**. When the sensor rotates, the internal proof mass experiences a force that changes the capacitance between the mass and fixed electrodes. * **Capacitance-to-Voltage Converter:** This internal circuit detects the minute changes in capacitance and converts them into a proportional analog voltage. * **Signal Conditioning & Filtering:** Includes a low-pass filter to remove high-frequency noise and mechanical vibrations that could interfere with the angular rate data. * **Temperature Compensation:** Built-in circuitry compensates for thermal drift, ensuring the output voltage remains stable even as the environment heats up or cools down. --- ### 3. Pin Configuration and Interface The "R/Q" designation often refers to the packaging or specific qualification standards (like AEC-Q100 for automotive use). The electronic interface usually consists of: 1. **VCC:** Power Supply (5V). 2. **GND:** Ground. 3. **OUT:** The analog output voltage. At zero angular rate (stationary), the output is typically centered at half the supply voltage ($V_{cc}/2$). 4. **ST (Self-Test):** A digital input used to verify the mechanical and electrical integrity of the sensor by inducing a simulated rotation. --- ### 4. Common Applications * **Automotive Safety:** Electronic Stability Control (ESC) and rollover detection. * **Industrial Automation:** Platform stabilization and robotics. * **Agriculture:** GPS-guided steering systems for tractors and heavy machinery.
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the 'R' and 'Q' suffixes for this part?
    • ⤷ How do you calculate the angular velocity from the analog voltage output?
    • ⤷ What are the recommended decoupling capacitor values for the VCC pin?