ALTG-631-R
AI

The **ALTG-631-R** is a high-performance, single-output AC/DC power supply module typically used in industrial automation, telecommunications, and server environments. It is designed for reliability and high efficiency in a compact form factor.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the ALTG-631-R:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 90V to 264V AC (Universal Input) |
| **Output Voltage** | +12V DC (Standard) |
| **Max Output Power** | 630W to 650W |
| **Efficiency** | 80 Plus Gold / Platinum Rated (Typical >90%) |
| **Form Factor** | 1U / Slim Rackmount |
| **Cooling** | Internal high-speed DC Fan |
| **Protection** | OVP, OCP, SCP, OTP |
---
### 2. Core Electronic Components
The internal architecture of the ALTG-631-R consists of several critical stages:
#### A. Input Filtering & PFC Stage
* **EMI Filter:** Uses X and Y capacitors along with common-mode chokes to suppress electromagnetic interference.
* **Active PFC (Power Factor Correction):** Utilizes high-voltage MOSFETs and a boost inductor to ensure the power factor stays above 0.95, reducing reactive power waste.
#### B. Switching & Transformation
* **Main Transformer:** A high-frequency ferrite core transformer that provides galvanic isolation between the AC mains and the DC output.
* **Primary Switching MOSFETs:** Generally configured in a Half-Bridge or Full-Bridge topology to convert DC bus voltage into high-frequency AC.
#### C. Output Rectification
* **Synchronous Rectification:** Instead of standard diodes, this unit uses low $R_{DS(on)}$ MOSFETs on the secondary side to minimize heat loss and maximize efficiency.
* **Filter Capacitors:** High-grade aluminum electrolytic or solid polymer capacitors are used to smooth the ripple voltage.
---
### 3. Protection and Control Systems
The ALTG-631-R includes an integrated management circuit (often via I2C or PMBus) to monitor the "health" of the unit:
* **OVP (Over Voltage Protection):** Shuts down the unit if the output exceeds 110-120% of the nominal voltage.
* **OCP (Over Current Protection):** Prevents damage during a current surge or short circuit.
* **OTP (Over Temperature Protection):** Thermal sensors throttle or shut down the unit if internal heat exceeds safe operating limits.
---
### 4. Physical Connectivity
The "R" suffix often denotes **Redundant** capability or a specific **Connector Rail** configuration.
* **Interface:** Usually features a "Gold Finger" edge connector for hot-swapping into a power distribution board (PDB).
* **LED Indicators:** Typically features a Bi-color LED (Green for Power OK, Amber/Red for Fault).
- ⤷
Does the ALTG-631-R support PMBus communication for remote monitoring?
- ⤷ What is the specific MTBF (Mean Time Between Failures) for this module?
- ⤷ Can this power supply be used in N+1 redundancy configurations?