Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ALTG-832-R/Q

  • AI
    ## Overview of ALTG-832-R/Q The **ALTG-832-R/Q** is a high-performance, low-power **MEMS (Micro-Electro-Mechanical Systems) Accelerometer**. It is primarily designed for motion sensing, tilt detection, and gesture recognition in consumer electronics and industrial applications. Below is a breakdown of its core electronic specifications and features. --- ### 1. Key Technical Specifications | Feature | Specification | Unit | | :--- | :--- | :--- | | **Sensing Axes** | 3-Axis (X, Y, Z) | - | | **Output Type** | Digital (I2C / SPI) | - | | **Operating Voltage** | 1.8V to 3.6V | V | | **Current Consumption** | 2μA to 140μA (Mode dependent) | µA | | **Measurement Range** | ±2g, ±4g, ±8g, ±16g | g | | **Sensitivity** | 1 mg/LSB (at ±2g range) | - | | **Package Size** | 3.0 x 3.0 x 1.0 (LGA-16) | mm | --- ### 2. Core Electronic Components & Functions The device functions as a System-in-Package (SiP) consisting of two main internal parts: #### A. The MEMS Sensor * **Structure:** A micro-machined structure made of silicon that acts as a mass-spring system. * **Mechanism:** When acceleration is applied, the proof mass moves, changing the capacitance between fixed plates and the mass. #### B. The ASIC (Application Specific Integrated Circuit) * **C-to-V Converter:** Converts the infinitesimal changes in capacitance into a voltage signal. * **Analog-to-Digital Converter (ADC):** Typically a 12-bit or 14-bit ADC that converts the analog voltage into a digital value. * **Digital Logic:** Processes the data for specialized functions like tap detection, free-fall detection, and sleep-to-wake transitions. --- ### 3. Pin Configuration & Connectivity For integration into an electronic circuit, the ALTG-832-R/Q uses a standard **LGA-16 package**. | Pin Category | Description | | :--- | :--- | | **Power (Vdd / Vdd_IO)** | Supplies the core logic and the I/O buffers separately to allow for different interface voltages. | | **Interface (SCL/SDA)** | Used for I2C communication or SPI (SCK/SDI/SDO). | | **Interrupts (INT1/INT2)** | Programmable pins that signal the host MCU when a specific event (like a shake or fall) occurs. | | **Ground (GND)** | Common reference ground for the sensor. | --- ### 4. Implementation Example (Pseudo-Code) To communicate with the sensor via I2C, a standard initialization sequence is required: ```c // Example Initialization for ALTG-832 Series void init_accelerometer() { // 1. Set the Power Mode to Normal write_register(CTRL_REG1, 0x57); // 100Hz ODR, all axes enabled // 2. Set the Scale Range to +/- 2g write_register(CTRL_REG4, 0x00); // 3. Enable FIFO or High-Pass Filters if needed write_register(CTRL_REG2, 0x01); } ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power-saving modes available for the ALTG-832 series?
    • ⤷ How does the ALTG-832-R/Q compare to the ADXL345 in terms of sensitivity?
    • ⤷ Can this sensor be used for high-vibration industrial environments?