Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ALTG-A22-R

  • AI
    The **ALTG-A22-R** is a specific electronic component, typically categorized as an **Industrial Indicator or Pilot Light**. These devices are used in control panels, machinery, and automation systems to provide visual feedback regarding the status of a circuit (e.g., Power On, Error, or Running). Below is a detailed breakdown of its electronic parts and specifications. --- ### 1. Technical Specifications The "A22" series usually refers to a standard 22mm mounting diameter, which is a global industrial standard for switches and indicators. | Feature | Specification | | :--- | :--- | | **Mounting Diameter** | 22mm | | **Light Source** | LED (Light Emitting Diode) | | **Color** | Red (indicated by the "-R" suffix) | | **Input Voltage** | Typically 110V-220V AC (Standard for ALTG series) | | **Lens Shape** | Extended / Dome or Flat (Model dependent) | | **Protection Rating** | Usually IP65 (Dust tight, water-resistant) | --- ### 2. Internal Electronic Construction The ALTG-A22-R consists of several modular components designed for durability and ease of replacement. #### A. The LED Module Unlike older incandescent bulbs, the ALTG-A22-R uses a high-brightness LED. * **Longevity:** Rated for approximately 50,000 to 100,000 hours of operation. * **Efficiency:** Consumes very low current (typically <20mA). #### B. The Voltage Transformer/Dropper Because these units often operate on high AC voltages (like 220V), the internal base contains a small circuit to step down the voltage for the LED. * **Resistor/Capacitor Dropper:** Uses impedance to reduce voltage without generating excessive heat. * **Rectifier:** Converts AC input to DC for the LED to function without flickering. #### C. Terminal Block The rear of the unit features screw terminals (usually labeled X1 and X2). * **Material:** Usually brass or silver-plated for high conductivity. * **Safety:** Often includes "finger-safe" covers to prevent accidental contact with live wires. --- ### 3. Physical Anatomy The assembly is generally divided into three main parts: 1. **Lens/Head:** The red plastic cover that diffuses the LED light. 2. **Mounting Nut:** A threaded ring that secures the device to the panel. 3. **Contact/Lamp Block:** The electronic housing that snaps onto the back of the head. --- ### 4. Wiring Diagram Representation In a schematic, the ALTG-A22-R is represented as a standard indicator lamp: ```text [Line/Hot] ----(X1) [ LED ] (X2)---- [Neutral] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the alternative voltage ratings available for the ALTG series?
    • ⤷ Is the LED module in the ALTG-A22-R replaceable or integrated?
    • ⤷ What is the difference between the 'R' and 'G' suffixes in this model number?