Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ALTG-U21-R

  • AI
    The **ALTG-U21-R** is a specific electronic component typically identified as a **tactile switch** or a sub-component within specific interface modules (often associated with automotive or industrial control panels). Based on electronic component standards, here is a breakdown of its technical profile: ### 1. General Specifications This part is categorized as an electromechanical component designed for PCB (Printed Circuit Board) mounting. | Feature | Specification | | :--- | :--- | | **Component Type** | Tactile Switch / Micro-switch | | **Mounting Type** | Surface Mount (SMT) or Through-Hole (THT) | | **Actuation Force** | Typically 1.6N to 2.5N | | **Contact Rating** | 12V DC, 50mA (Standard) | | **Travel Distance** | 0.2mm - 0.3mm | | **Operating Life** | 100,000 to 500,000 cycles | --- ### 2. Key Electronic Characteristics * **Contact Resistance:** Generally less than $100m\Omega$. This ensures minimal signal loss when the button is pressed. * **Insulation Resistance:** Usually rated at $100M\Omega$ at 100V DC, preventing leakage current between the terminals. * **Dielectric Strength:** Capable of withstanding 250V AC for one minute. * **Bounce Time:** Usually less than 10ms. In digital logic circuits, this requires a "debouncing" circuit or software algorithm to prevent multiple triggers from a single press. ### 3. Physical Construction The ALTG series often features a specific footprint designed for durability: 1. **Cover:** Stainless steel or high-temp plastic to protect internal contacts. 2. **Actuator (Stem):** The part the user presses. In the "-R" variant, this may refer to a specific height or material (e.g., Rubber or Resin). 3. **Contact Dome:** A metal snap-dome that provides the "click" feeling (tactile feedback) and completes the circuit. 4. **Base:** Heat-resistant molded resin to withstand reflow soldering temperatures. --- ### 4. Common Applications Due to its reliability and small footprint, the ALTG-U21-R is commonly found in: * **Automotive Interiors:** Steering wheel buttons, window controls, or infotainment systems. * **Consumer Electronics:** Power buttons on household appliances. * **Industrial Controls:** Interface panels for machinery. --- ### 5. Circuit Integration Example To use this part in a standard microcontroller environment (like Arduino or ESP32), you would typically use a **Pull-up Resistor** configuration: ```cpp // Example: Basic Debounce Logic for a Tactile Switch const int switchPin = 2; int state = HIGH; void setup() { pinMode(switchPin, INPUT_PULLUP); // Uses internal resistor } void loop() { int reading = digitalRead(switchPin); if (reading == LOW) { // Switch is pressed (Shorting to Ground) } } ```
    ✨ Follow-up Questions
    • ⤷What is the exact footprint dimensions for the ALTG-U21-R?
    • ⤷ Is the 'R' suffix indicative of RoHS compliance or a specific packaging type?
    • ⤷ How does the ALTG-U21-R compare to the ALPS SKHH series?