ALV-1524-R
AI

The **ALV-1524-R** is a specific electronic component typically classified as an **Inductor** (specifically a Power Choke or SMD Power Inductor) or a specialized **Magnetic Component**.
Below is a detailed breakdown of its technical specifications, construction, and typical application profile.
---
### 1. Technical Specifications
While exact parameters can vary slightly based on the manufacturer (such as Delta Electronics or Cyntec), the "1524" code generally refers to the physical dimensions of the component.
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | SMD Power Inductor / High-Current Choke |
| **Case Size (LxW)** | ~15mm x 15mm (indicative of the '15' prefix) |
| **Height** | ~2.4mm (indicative of the '24' suffix) |
| **Mounting Type** | Surface Mount Device (SMD/SMT) |
| **Core Material** | Composite Iron Powder or Ferrite |
| **Shielding** | Magnetically Shielded (reduces EMI) |
---
### 2. Internal Construction
The ALV-1524-R is designed for high-efficiency power conversion. Its internal parts include:
1. **Winding:** Usually a heavy-gauge copper wire (often flat wire) to minimize **DCR** (Direct Current Resistance) and handle high current without overheating.
2. **Magnetic Core:** A molded composite material. This "molded" technology allows the part to handle high transient current spikes without hard saturation.
3. **Terminals:** Lead-free (RoHS compliant) solder pads located on the bottom of the component for secure PCB mounting.
---
### 3. Key Electronic Characteristics
These components are chosen for specific electrical behaviors:
* **Low Core Loss:** Optimized for high-frequency switching power supplies.
* **High Saturation Current ($I_{sat}$):** The ability to maintain inductance even when high levels of DC current are flowing through it.
* **Thermal Stability:** Designed to operate in high-temperature environments (often up to 125°C or 150°C).
* **Soft Saturation:** Unlike traditional ferrite inductors that lose inductance sharply, the ALV series typically features a "soft" drop-off.
---
### 4. Common Applications
The ALV-1524-R is frequently found in the following electronic circuits:
* **Voltage Regulator Modules (VRMs):** Found on motherboards and server cards to step down voltage for CPUs/GPUs.
* **DC/DC Converters:** Used in automotive electronics and telecommunications equipment.
* **Battery Powered Systems:** Where high efficiency is required to extend battery life.
* **POL (Point of Load) Converters:** Providing stable power close to high-speed integrated circuits.
---
- ⤷What is the specific inductance value (uH) for the ALV-1524-R?
- ⤷ Which manufacturers produce the ALV-1524-R series?
- ⤷ How does the 'R' suffix impact the component's environmental rating?