ALV-4W43-R
AI

The **ALV-4W43-R** is a specific electronic component typically identified as a **4.3-inch TFT LCD Display Module**. These modules are widely used in industrial equipment, automotive dashboards, and medical devices due to their reliability and standardized interface.
Below is a breakdown of its technical specifications and electronic components.
---
### 1. General Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Screen Size** | 4.3 Inch (Diagonal) |
| **Resolution** | 480 x 272 Pixels (WQVGA) |
| **Interface** | 24-bit RGB (Parallel) |
| **Display Mode** | TN, Normally White, Transmissive |
| **Aspect Ratio** | 16:9 |
| **Backlight** | White LED (typically 7-10 LEDs in series/parallel) |
---
### 2. Key Internal Components
#### A. The LCD Driver IC
The "brain" of the module is usually a driver IC (such as the **HX8257** or **ILI6480**). This chip:
* Translates the RGB signals from the host processor into voltages that twist the liquid crystals.
* Manages the timing signals (HSYNC, VSYNC, DE, PCLK).
* Coordinates the 24-bit color depth (16.7 million colors).
#### B. LED Backlight Circuit
The module contains a string of White LEDs.
* **Voltage Requirement:** Usually requires ~15V to 25V (constant current).
* **Connection:** Usually found on pins 1 (VLED-) and 2 (VLED+) of the FPC cable.
* **Driver:** Requires an external constant-current LED driver chip on the main PCB to prevent burnout.
#### C. FPC (Flexible Printed Circuit)
The 40-pin gold-plated connector is the physical interface. It carries:
* **Power:** VDD (3.3V) for logic.
* **Data:** 24 lines for Red, Green, and Blue data.
* **Control:** Horizontal and Vertical sync pulses.
* **Backlight:** High-voltage power for LEDs.
---
### 3. Pinout Logic (Standard 40-pin)
| Pins | Function | Description |
| :--- | :--- | :--- |
| 1-2 | **VLED** | Backlight Power (Cathode / Anode) |
| 3-4 | **GND** | System Ground |
| 5-12 | **R0-R7** | Red Data Bus |
| 13-20 | **G0-G7** | Green Data Bus |
| 21-28 | **B0-B7** | Blue Data Bus |
| 30 | **PCLK** | Pixel Clock Signal |
| 32-33 | **H/V Sync** | Synchronization signals |
---
### 4. Implementation Requirements
To use this part in a circuit, you need:
1. **3.3V LDO:** To provide stable logic power.
2. **Backlight Boost Converter:** To step up 5V/3.3V to the ~20V required for the LEDs.
3. **Microcontroller/SOC:** Must have a dedicated LCD controller or enough GPIO/processing power to handle high-speed RGB signaling.
- ⤷
What is the recommended LED driver circuit for the ALV-4W43-R?
- ⤷ Can this display be interfaced with an Arduino or ESP32?
- ⤷ Does this model include a capacitive or resistive touch panel?