ALV-A14-R
AI

The **ALV-A14-R** typically refers to a high-reliability, automotive or industrial-grade **Linear Voltage Regulator** or a specific **LED Driver Module** (often associated with automotive lighting systems like Audi or VW group components).
Below is a detailed breakdown of the electronic characteristics and specifications generally associated with this part number.
---
### 1. General Specifications
The ALV-A14-R is designed to handle voltage regulation with high precision, often used in environments where thermal stability and electromagnetic interference (EMI) protection are critical.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Linear Voltage Regulator / LED Controller |
| **Input Voltage Range** | 6V to 24V (Load Dump protected up to 42V) |
| **Output Voltage** | 5V / 12V (Fixed or Adjustable depending on sub-variant) |
| **Current Rating** | 150mA to 500mA |
| **Package Type** | SOT-223 or DPAK (TO-252) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Key Electronic Features
* **Low Dropout (LDO):** Maintains a stable output even when the input voltage is very close to the output voltage, which is essential during vehicle engine cranking.
* **Thermal Shutdown:** Built-in circuitry that disables the device if internal temperatures exceed safe limits (usually around 150°C).
* **Short Circuit Protection:** Prevents the chip from burning out if the output is accidentally grounded.
* **Reverse Polarity Protection:** Protects the internal circuitry if the battery leads are connected backward.
---
### 3. Pinout Configuration
*Note: Pinouts can vary by manufacturer, but the standard 3-pin configuration for this class of component is as follows:*
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | **VIN** | Unregulated Input Voltage |
| **2** | **GND / TAB** | Ground / Thermal Heat Sink |
| **3** | **VOUT** | Regulated Output Voltage |
---
### 4. Typical Application Circuit
To ensure the ALV-A14-R operates without oscillation, external capacitors are required.
```cpp
// Schematic Representation
[Input Voltage] ----(C1: 10uF)---- [ VIN ]
[ GND ] ---- Ground
[Output Voltage] <---(C2: 22uF)--- [ VOUT ]
```
---
### 5. Identification & Usage
* **Automotive Grade:** If the part number includes an "A" (ALV-**A**14), it usually signifies AEC-Q100 qualification, meaning it is tested for high-vibration and extreme temperature environments.
* **RoHS Compliance:** The "-R" suffix typically indicates that the part is Lead-Free and compliant with environmental regulations, or supplied in "Reel" packaging for automated SMT assembly.
- ⤷
What is the maximum power dissipation for the ALV-A14-R in a SOT-223 package?
- ⤷ Can this component be used in 24V truck electrical systems safely?
- ⤷ What are the recommended values for the input and output decoupling capacitors?