ALV-B41-R/Q
AI

The **ALV-B41-R/Q** is a specific variant of an **Automated Logic (ALC) Zone Controller**, typically used in HVAC systems (Heating, Ventilation, and Air Conditioning). It belongs to the **ZNT (Zone Sensor/Controller)** or **ZNS** series, often integrated into Building Automation Systems (BAS).
---
### 1. Key Technical Specifications
The device acts as a microprocessor-based controller designed for VAV (Variable Air Volume) or zone applications.
| Component/Feature | Description |
| :--- | :--- |
| **Input Voltage** | 24V AC ± 10% (50/60 Hz) |
| **Microprocessor** | High-speed 32-bit RISC processor |
| **Memory** | Non-volatile Flash memory for program and data retention |
| **Communication** | ARCNET or BACnet MS/TP (depending on firmware) |
| **Output Ports** | Binary outputs for damper control or reheat valves |
| **Input Ports** | Analog inputs for temperature sensors (Thermistor) and flow sensors |
---
### 2. Major Electronic Subsystems
#### A. Power Supply Section
This section regulates the incoming **24V AC** power. It includes:
* **Bridge Rectifier:** Converts AC to DC.
* **Voltage Regulators:** Steps down voltage to 5V DC and 3.3V DC to power the internal logic and sensors.
* **Protection:** Varistors (MOVs) and fuses to protect against voltage surges common in industrial environments.
#### B. The Actuator Interface (Specific to "R/Q")
The "B41" series often includes an integrated **Damper Actuator**.
* **Motor:** A brushless DC or synchronous motor.
* **Feedback Potentiometer:** Provides the electronic signal for the actual position of the damper blade.
* **Logic Board Interface:** Translates digital commands into physical rotation (Torque: ~35-45 in-lb).
#### C. Communication & Ports
* **Net Port:** A physical connection for the **LogiStat** or **ZS** room sensors.
* **EIA-485 Tranceiver:** Handles the hardware layer for the BACnet or ARCNET communication, allowing the controller to "talk" to the main Building Control Unit (BCU).
---
### 3. I/O (Input/Output) Configuration
The electronic board is typically populated with the following connection points:
1. **AI (Analog Inputs):** Used for 10k Ohm Thermistors (Zone Temp, Discharge Air Temp).
2. **AO (Analog Outputs):** 0-10V signals for proportional valves or fan speed control.
3. **BO (Binary Outputs):** Triac-based outputs used for 24V AC switching (to trigger contactors for electric heat or fan relays).
---
### 4. Firmware and Programming
The electronics rely on **BACnet objects**.
* **EPROM/Flash:** Stores the "Logic" or "Control Program" (created in EIKON).
* **Battery/Capacitor:** Some models use a SuperCap or Lithium battery to maintain the Real-Time Clock (RTC) and RAM during power outages.
---
- ⤷
What is the wiring pinout for the 24V AC power connection on this model?
- ⤷ How do you address this controller on a BACnet MS/TP network?
- ⤷ What are the common failure symptoms of the integrated actuator?