ALV-C24-R/Q
AI

The **ALV-C24-R/Q** is a specific model within the series of industrial automation components, typically associated with **IDEC** or similar manufacturers specializing in signaling and pilot devices. This model specifically refers to a **LED Illuminated Indicator/Pilot Light**.
Below is a breakdown of its electronic parts and specifications.
---
### 1. Key Technical Specifications
The alphanumeric code describes the physical and electrical characteristics of the component:
| Component Attribute | Specification Details |
| :--- | :--- |
| **Series** | ALV (Standard 22mm Diameter Series) |
| **Shape** | C (Square / Flush Silhouette) |
| **Operating Voltage** | 24 (24V AC/DC) |
| **Illumination Type** | LED (Light Emitting Diode) |
| **Lens Color** | R/Q (Red / Amber variations or specific color coding) |
| **Mounting Hole** | 22mm |
---
### 2. Electronic Parts Breakdown
The unit consists of several integrated sub-assemblies that work together to provide visual feedback in a control panel:
#### A. The LED Module
Unlike traditional incandescent bulbs, this part uses a high-brightness LED chip.
- **Efficiency:** Consumes significantly less current (typically 10-20mA).
- **Longevity:** Rated for approximately 50,000 to 100,000 hours of operation.
#### B. Internal Current-Limiting Resistor
To prevent the LED from burning out when connected to a 24V source, a resistor is integrated into the housing. This drops the voltage to the level required by the LED diode.
#### C. Protection Diode (Bridge Rectifier)
Since the unit is rated for **AC/DC**, it contains a small internal bridge rectifier or a protection diode. This allows the part to function regardless of the polarity of the DC wiring and protects against AC cycle fluctuations.
#### D. Terminal Block
- **Screw Terminals:** Usually features IP20 finger-safe screw terminals.
- **Material:** Brass or silver-plated contacts to ensure low resistance and prevent oxidation.
#### E. Optical Lens and Diffuser
- **Material:** Polycarbonate.
- **Function:** The "R" (Red) lens acts as a color filter and a light diffuser to ensure the LED light is visible from wide angles without creating "hot spots."
---
### 3. Connection Diagram (Simplified)
```mermaid
graph LR
A[Power Source 24V] --> B[Terminal 1]
B --> C{Internal Resistor}
C --> D[LED Chip]
D --> E[Terminal 2]
E --> F[Ground/Neutral]
```
---
### 4. Application Usage
These electronic parts are designed for high-vibration industrial environments. Common uses include:
* **Status Indication:** Showing if a machine is powered on.
* **Error Warning:** Red illumination (R) indicating a fault or emergency stop condition.
* **Control Panels:** Standard fitment for PLC (Programmable Logic Controller) output monitoring.
- ⤷
What is the maximum power consumption of the ALV-C24-R at peak voltage?
- ⤷ Can this pilot light be used with a 12V system instead of 24V?
- ⤷ How does the IP rating affect the electronic lifespan of these indicators?