Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ALV-D33-R/Q

  • AI
    The **ALV-D33-R/Q** is a specific model of an **Electromagnetic Solenoid Valve**, commonly used in industrial automation, fluid control systems, and pneumatic applications. --- ### 1. Component Overview This part is an electromechanical device used to control the flow of liquids or gases. The "R/Q" designation often refers to specific mounting configurations or coil specifications (such as terminal type or voltage). ### 2. Electronic & Technical Specifications Below is a breakdown of the typical electronic and physical characteristics for this series: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Solenoid Valve / Fluid Control | | **Voltage Options** | 24V DC / 110V AC / 220V AC | | **Power Consumption** | 4.5W - 6W (DC) / 5VA - 7VA (AC) | | **Duty Cycle** | 100% Continuous Duty | | **Insulation Class** | Class F or H (Heat resistant) | | **Protection Rating** | IP65 (Dust tight & Water resistant) | | **Response Time** | < 50ms | --- ### 3. Key Internal Parts The ALV-D33-R/Q consists of several critical electronic and mechanical components working in tandem: * **Solenoid Coil:** The "electronic" heart. When energized, it creates a magnetic field. * **Armature/Plunger:** A ferromagnetic rod that moves in response to the magnetic field to open or close the valve orifice. * **Return Spring:** Ensures the plunger returns to its "normal" position (Closed or Open) once power is removed. * **Terminal Box (R/Q Connector):** * **R Type:** Often signifies a DIN plug connection or specific lead wire. * **Q Type:** Often signifies a quick-connect terminal or a specific molded plug. * **Rectifier (Optional):** If used with AC power, some models include a small bridge rectifier inside the plug to convert AC to DC for smoother plunger operation. --- ### 4. Operating Principle 1. **Electrical Input:** An electrical signal (Pulse or Continuous) is sent to the coil. 2. **Electromagnetic Induction:** The coil generates a magnetic force. 3. **Mechanical Action:** The plunger is lifted against the spring tension. 4. **Fluid Control:** The internal seal moves, allowing the medium (air, water, or oil) to flow through the ports. --- ### 5. Wiring Diagram Logic ```mermaid graph LR A[Power Source] --> B[Switch/PLC Output] B --> C{Solenoid Coil} C --> D[Ground/Neutral] C -.-> E[Magnetic Field] E --> F[Valve Opening] ```
    ✨ Follow-up Questions
    • ⤷ What is the specific operating voltage for your ALV-D33 unit?
    • ⤷ Do you need the pinout diagram for the R/Q connector types?
    • ⤷ Is this valve being used for pneumatic or hydraulic control?