Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AM1D-0509S-RZ

  • AI
    ## Overview of AM1D-0509S-RZ The **AM1D-0509S-RZ** is a compact, high-performance DC-DC converter manufactured by **Aimtec**. It belongs to the AM1D series, which features 1-watt unregulated isolated power modules designed for industrial and consumer electronics where board space is limited. --- ### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage (Nominal)** | 5 VDC (Range: 4.5V - 5.5V) | | **Output Voltage** | 9 VDC | | **Output Current** | 111 mA (Max) | | **Power Rating** | 1 Watt | | **Isolation Voltage** | 1000 VDC | | **Package Type** | SIP7 (Single In-line Package) | | **Efficiency** | ~75% - 80% | | **Operating Temperature** | -40°C to +85°C | --- ### Key Electronic Components & Features The internal circuitry of this module typically includes the following functional blocks: 1. **Switching Controller:** An internal oscillator and switching transistor (MOSFET) convert the DC input into a high-frequency AC signal. 2. **Isolation Transformer:** Small ferrite core transformer that provides galvanic isolation between the input and output, protecting sensitive components from noise or voltage spikes. 3. **Rectification & Filtering:** High-speed diodes and ceramic capacitors at the output stage to convert the AC back to a stable DC voltage. 4. **Protection Circuitry:** Includes basic short-circuit protection (usually momentary) to prevent damage during fault conditions. ### Pinout Configuration (SIP7 Package) | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | +Vin | Positive Input Voltage | | 2 | -Vin | Negative Input (Ground) | | 4 | -Vout | Negative Output | | 6 | +Vout | Positive Output | | 3, 5, 7 | N.C. | No Connection | --- ### Typical Applications * **Digital Circuits:** Distributing power in logic-level circuits. * **Data Acquisition:** Providing isolated power to sensors to prevent ground loops. * **Communication Interfaces:** Powering RS-485, RS-232, or CAN bus transceivers. * **Industrial Controls:** Isolating control signals from high-power power stages. --- ### Implementation Example (Basic Wiring) ```cpp // Schematic Concept: // [ 5V Source ] ----> Pin 1 (+Vin) // [ Ground ] ----> Pin 2 (-Vin) // // [ Isolated 9V ] <---- Pin 6 (+Vout) // [ Isolated GND] <---- Pin 4 (-Vout) // Note: It is recommended to add a 4.7µF - 10µF capacitor // at the input and output for ripple reduction. ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between an isolated and a non-isolated DC-DC converter?
    • ⤷ Does this model require external cooling or heat sinks?
    • ⤷ Can I use this module to power an Arduino from a 5V rail?