AM1D-0515D-RZ
AI

The **AM1D-0515D-RZ** is a high-performance, miniature DC-DC converter manufactured by **Aimtec**. It belongs to the AM1D series, which features 1 Watt unregulated output power in a compact SIP7 package.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics of the AM1D-0515D-RZ:
| Parameter | Specification |
|:---|:---|
| **Input Voltage (Nominal)** | 5 VDC |
| **Input Voltage Range** | 4.5 – 5.5 VDC |
| **Output Voltage** | ±15 VDC (Dual Output) |
| **Output Current** | ±33 mA |
| **Max Power** | 1 Watt |
| **Isolation Voltage** | 1000 VDC |
| **Efficiency** | ~80% |
| **Package Type** | SIP7 (Single In-line Package) |
---
### 2. Functional Breakdown
#### A. Input Stage
The "05" in the part number indicates a nominal **5V input**. This part is designed to operate from a regulated 5V rail, commonly found in digital circuits or USB-powered devices. Since it is an *unregulated* converter, the output voltage will vary slightly if the input voltage fluctuates.
#### B. Output Stage (Dual Output)
The "15D" indicates **±15V Dual Output**.
- It provides two symmetrical rails: +15V and -15V.
- This is specifically useful for powering **Operational Amplifiers (Op-Amps)**, data converters (ADC/DAC), and analog sensors that require a bipolar power supply.
#### C. Isolation
The "RZ" suffix typically denotes the physical construction and isolation rating. This device provides **1000 VDC Galvanic Isolation** between the input and output. This prevents noise from the digital side (input) from affecting sensitive analog components (output) and protects against ground loops.
---
### 3. Pin Configuration (SIP7 Package)
| Pin Number | Function | Description |
|:---:|:---|:---|
| 1 | +Vin | Positive Input Voltage |
| 2 | -Vin | Negative Input Voltage (Ground) |
| 4 | -Vout | Negative Output Voltage (-15V) |
| 5 | Common | Output Common (Ground) |
| 6 | +Vout | Positive Output Voltage (+15V) |
---
### 4. Common Applications
* **Industrial Controls:** Powering isolated sensors.
* **Analog Circuits:** Providing the ±15V rails for high-fidelity audio or signal processing Op-Amps.
* **Data Acquisition:** Isolating the digital bus from the analog measurement front-end.
* **Telecom:** Small-scale distributed power architectures.
---
### 5. Recommended Layout (Minimalist Example)
To reduce output ripple and noise, it is recommended to add small ceramic capacitors to the input and output:
```c
// Typical Connection Diagram
[ 5V DC Source ] ----+----( +Vin [Pin 1] ) ( +Vout [Pin 6] )----+---- [+15V Output]
| |
C1 (4.7uF) AM1D-0515D-RZ C2 (2.2uF)
| |
[ Input Ground ] ----+----( -Vin [Pin 2] ) ( Common [Pin 5] )---+---- [0V Ground]
|
C3 (2.2uF)
|
( -Vout [Pin 4] )----+---- [-15V Output]
```
- ⤷
What is the difference between a regulated and unregulated DC-DC converter like the AM1D?
- ⤷ Can I use this converter if my input voltage is 12V instead of 5V?
- ⤷ How does the isolation feature protect my circuit from noise?