AM1D-1215D-RZ
AI

## Overview of AM1D-1215D-RZ
The **AM1D-1215D-RZ** is a high-performance **DC-DC Converter** manufactured by Aimtec. It is part of a series designed to provide isolated, regulated (or unregulated depending on the specific sub-series) power in a compact package.
---
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Manufacturer** | Aimtec |
| **Package Type** | DIP8 (Dual In-line Package) |
| **Input Voltage (Nominal)** | 12V DC |
| **Input Voltage Range** | 10.8V to 13.2V |
| **Output Voltage** | ±15V DC (Dual Output) |
| **Output Current** | ±33mA |
| **Max Power** | 1 Watt |
| **Isolation Voltage** | 1000V DC (Standard) |
| **Efficiency** | ~78% - 82% |
---
### 2. Functional Description
The "D" in the part number indicates a **Dual Output** configuration. This means the device takes a single 12V input and converts it into two symmetrical rails (+15V and -15V) relative to a common ground (COM).
#### Pinout Configuration (Standard DIP8)
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | -Vin | Negative Input Voltage |
| 4 | +Vin | Positive Input Voltage |
| 5 | +Vout | Positive Output Voltage (+15V) |
| 7 | COM | Common (Ground) for Output |
| 8 | -Vout | Negative Output Voltage (-15V) |
---
### 3. Key Electronic Features
* **Isolation:** Provides 1000V DC galvanic isolation between the input and output stages. This is critical for breaking ground loops and protecting sensitive logic circuits from high-voltage noise.
* **Form Factor:** The **RZ** suffix often denotes the specific SIP or DIP package style (typically a 7 or 8 pin layout) designed for space-constrained PCB designs.
* **Operating Temperature:** Generally rated for industrial ranges, typically **-40°C to +85°C**.
* **Protection:** Includes continuous short-circuit protection (in newer revisions) to prevent damage during fault conditions.
---
### 4. Common Applications
1. **Operational Amplifiers (Op-Amps):** Most high-precision Op-Amps require symmetrical ±15V rails to process AC signals without clipping.
2. **Industrial Sensors:** Powering sensors that require a bipolar supply for balanced signal transmission.
3. **Data Acquisition:** Used in ADC/DAC circuits to provide clean, isolated power to analog stages.
4. **Communication Interfaces:** Providing isolated power for RS-485 or CAN bus transceivers.
---
- ⤷What is the difference between regulated and unregulated versions of this converter?
- ⤷ Can I use this part if my input voltage fluctuates significantly?
- ⤷ What external capacitors are recommended for noise reduction?