Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AM1D-1505SH30-RZ

  • AI
    ### Technical Overview of AM1D-1505SH30-RZ The **AM1D-1505SH30-RZ** is a high-performance, isolated DC-DC converter manufactured by **Aimtec**. It is designed to provide a regulated voltage output in a compact SIP7 (Single In-line Package) format, commonly used in industrial and telecommunications applications. --- ### Key Specifications The following table outlines the primary electrical characteristics of this component: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 13.5V to 16.5V (Nominal 15V) | | **Output Voltage** | 5V DC | | **Output Current** | 200 mA | | **Power Rating** | 1 Watt | | **Isolation Voltage** | 3000 VDC | | **Efficiency** | ~75% to 80% | | **Package Type** | SIP7 (Plastic Case) | | **Operating Temp Range** | -40°C to +85°C | --- ### Internal Electronic Composition The device functions as a high-frequency switching power supply. Its internal circuitry consists of several critical stages: 1. **Input Filter:** A series of capacitors and inductors that smooth the incoming 15V DC and reduce electromagnetic interference (EMI). 2. **Switching Controller:** An internal oscillator and MOSFET switch that convert DC into high-frequency AC. 3. **Isolation Transformer:** The "heart" of the unit. It transfers energy from the primary side to the secondary side via magnetic fields, ensuring there is no direct electrical contact (3000V isolation). 4. **Rectification & Smoothing:** High-speed Schottky diodes and output capacitors convert the AC back into a stable 5V DC output. 5. **Regulation Circuitry:** Ensures the output stays at 5V even if the load changes. --- ### Application Usage This part is typically used in the following scenarios: * **Noise Decoupling:** Isolating sensitive analog circuits from noisy digital power rails. * **Ground Loop Elimination:** Preventing ground loops in communication interfaces like RS-485 or CAN bus. * **Voltage Step-Down:** Reducing a 15V system rail to a 5V logic level for microcontrollers or sensors. --- ### Pin Configuration (SIP7) | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | +Vin | Positive Input Voltage | | 2 | -Vin | Negative Input (Ground) | | 5 | -Vout | Negative Output | | 7 | +Vout | Positive Output | *(Note: Pins 3, 4, and 6 are typically omitted in this specific package variant).*
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 3000V isolation rating in this device?
    • ⤷ Are there pin-compatible alternatives with higher power ratings?
    • ⤷ How does this converter handle short-circuit protection?