AM1D-1509D-RZ
AI

The **AM1D-1509D-RZ** is a high-performance, miniature DC-DC converter manufactured by **Aimtec**. It is designed to provide isolated power conversion in a compact SIP7 package.
### 1. Key Technical Specifications
Below are the primary electrical characteristics of the AM1D-1509D-RZ:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 13.5V to 16.5V (Nominal 15V) |
| **Output Voltage** | ±9V DC (Dual Output) |
| **Output Current** | ±56mA |
| **Power Rating** | 1 Watt |
| **Isolation Voltage** | 1000 VDC |
| **Efficiency** | ~75% to 80% |
| **Package Type** | SIP7 (Single Inline Package, 7 pins) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Core Functional Components
The internal architecture of this module consists of several critical electronic sections:
#### A. Input Filtering
The device includes internal capacitors to minimize **Reflected Ripple Current**. While it has internal filtering, it is often recommended to add an external electrolytic capacitor (e.g., 4.7µF to 10µF) to ensure stability against input voltage spikes.
#### B. Switching Oscillator & Transformer
* **Oscillator:** Converts the DC input into a high-frequency AC signal.
* **Isolation Barrier:** Uses a miniature toroidal transformer to provide galvanic isolation. This prevents noise or high voltage on the input side from reaching the output side.
#### C. Rectification & Regulation
* **Rectifier Diodes:** Convert the high-frequency AC back to DC.
* **Dual Output:** The "D" in the part number signifies a **Dual Output** configuration, providing both a positive (+9V) and a negative (-9V) rail relative to a common ground (COM).
---
### 3. Pin Configuration (SIP7)
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | +Vin | Positive Input Voltage |
| 2 | -Vin | Negative Input Voltage (Ground) |
| 4 | -Vout | Negative Output Voltage (-9V) |
| 5 | Common | Output Common (0V) |
| 6 | +Vout | Positive Output Voltage (+9V) |
---
### 4. Typical Applications
* **Operational Amplifiers:** Providing the +/- rails required for high-precision analog circuits.
* **Industrial Controls:** Isolating sensitive sensors from noisy power buses.
* **Data Acquisition:** Reducing ground loop interference in measurement systems.
---
### 5. Circuit Design Example
To improve performance and meet EMC standards, the following peripheral components are usually added:
```cpp
// Typical Input/Output Filter Configuration
// Input side: C1 = 4.7uF (Low ESR)
// Output side: C2, C3 = 2.2uF (Ceramic)
[ +Vin ] ----( C1 )---- [ -Vin ]
[ +Vout] ----( C2 )---- [ Common ]
[ -Vout] ----( C3 )---- [ Common ]
```
---
- ⤷
What is the significance of the 'RZ' suffix in the Aimtec part numbering system?
- ⤷ Can this converter be used in medical applications requiring higher isolation?
- ⤷ What is the maximum capacitive load this module can drive?