AM1D-2405D-RZ
AI

The **AM1D-2405D-RZ** is a high-performance, miniature DC-DC converter manufactured by **Aimtec**. It is designed to provide isolated power in a compact package, commonly used in industrial, telecommunications, and instrumentation applications.
---
### 1. Key Technical Specifications
The part number itself encodes much of the technical data:
| Parameter | Specification | Description |
|:--- |:--- |:--- |
| **Input Voltage** | 24V DC | Nominal input (range 21.6V to 26.4V) |
| **Output Voltage** | ±5V DC | Dual output rails |
| **Output Current** | ±100 mA | Maximum load per rail |
| **Power Rating** | 1 Watt | Total output power |
| **Isolation** | 1000 VDC | Standard isolation between input/output |
| **Package Type** | SIP7 | Single In-line Package (7 pins) |
| **Efficiency** | ~72% | Typical conversion efficiency |
---
### 2. Electronic Architecture
The internal circuitry of this module typically consists of several stages:
1. **Switching Oscillator:** Converts the 24V DC input into a high-frequency AC signal.
2. **Isolation Transformer:** Uses magnetic coupling to transfer energy across the isolation barrier. This prevents electrical noise or high-voltage spikes on the input side from reaching the sensitive output side.
3. **Rectification and Filtering:** The AC signal from the transformer is converted back to DC (±5V) and smoothed using internal capacitors to minimize ripple and noise.
---
### 3. Application Use Cases
This specific part is frequently used for:
* **Dual Rail Power:** Providing the positive and negative voltages required for **Operational Amplifiers (Op-Amps)**.
* **Ground Loop Elimination:** Breaking ground loops in sensitive analog measurements.
* **Signal Isolation:** Powering isolated communication interfaces like RS-485 or CAN bus.
---
### 4. Pinout Configuration (SIP7)
*The physical layout generally follows this standard for the "RZ" series:*
| Pin Number | Function |
|:--- |:--- |
| 1 | +V Input |
| 2 | -V Input |
| 4 | -V Output |
| 5 | Common (0V) |
| 6 | +V Output |
---
### 5. Design Considerations
* **Derating:** Ensure the ambient temperature does not exceed the operating range (typically -40°C to +85°C) without reducing the load.
* **External Filtering:** While it has internal filtering, adding a small capacitor (e.g., 4.7µF) at the input and output can further reduce Electromagnetic Interference (EMI).
* **No Minimum Load:** Modern Aimtec modules often do not require a minimum load, but check the specific datasheet version to ensure stability at 0% load.
- ⤷
What is the difference between the 'RZ' and 'NZ' suffixes in Aimtec parts?
- ⤷ Can this converter be used to power a 10V single-rail load instead of ±5V?
- ⤷ Does this model include short-circuit protection?