AM1D-2415D-RZ
AI

The **AM1D-2415D-RZ** is a high-performance, isolated DC-DC converter manufactured by **Aimtec**. It is designed to provide a regulated dual output from a single input source, typically used for noise isolation and voltage conversion on printed circuit boards (PCBs).
---
### ## Technical Specifications
The following table summarizes the core electronic characteristics of the AM1D-2415D-RZ:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Input Voltage (Nominal)** | 24 VDC | Range typically ±10% (21.6 - 26.4V) |
| **Output Voltage** | ±15 VDC | Dual output (positive and negative rails) |
| **Output Current** | ±33 mA | Total power rating of 1 Watt |
| **Isolation Voltage** | 1000 VDC | Standard isolation (input to output) |
| **Package Style** | SIP7 | Single Inline Package with 7 pins |
| **Efficiency** | ~78% - 82% | Varies slightly based on load |
| **Operating Temp** | -40°C to +85°C | Industrial grade temperature range |
---
### ## Internal Component Architecture
While the exact internal schematic is proprietary, these units generally consist of the following electronic functional blocks:
1. **Oscillator/Switching Circuit:** Converts the 24V DC input into a high-frequency AC signal.
2. **Isolation Transformer:** Small ferrite core transformer that provides galvanic isolation and steps the voltage to the required level.
3. **Rectification & Filtering:** High-speed diodes and internal ceramic capacitors (MLCCs) convert the AC back to stable ±15V DC.
4. **Feedback Loop:** Ensures the output voltage remains stable despite small fluctuations in input or load.
---
### ## Pin Configuration (SIP7 Package)
The "RZ" suffix denotes specific physical pinouts. For a standard AM1D Dual Output series:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | +Vin | Positive Input Voltage |
| 2 | -Vin | Ground/Negative Input |
| 4 | -Vout | Negative 15V Output |
| 5 | Common | Zero Volt (Ground) reference for outputs |
| 6 | +Vout | Positive 15V Output |
---
### ## Key Features & Applications
* **Galvanic Isolation:** Protects sensitive downstream components from input voltage spikes and eliminates ground loops.
* **Small Footprint:** The SIP7 package saves significant board space compared to discrete transformer designs.
* **Typical Uses:**
* Powering Operational Amplifiers (Op-Amps) requiring bipolar (+/-) rails.
* Industrial automation control systems.
* Data acquisition systems (ADC/DAC biasing).
* Communication equipment.
- ⤷
What are the recommended external capacitors for noise reduction on this model?
- ⤷ Is this DC-DC converter short-circuit protected?
- ⤷ What is the difference between the 'RZ' and other suffixes in this Aimtec series?