Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AM1D-4812S-RZ

  • AI
    The **AM1D-4812S-RZ** is a high-performance, isolated DC-DC converter manufactured by **Aimtec**. It belongs to the AM1D series, which is designed to provide a stable output voltage from a fluctuating input source while providing galvanic isolation. --- ## 1. Core Technical Specifications The model number follows a specific nomenclature that defines its electronic characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Input Voltage** | 48 VDC | Nominal input (usually handles a range, e.g., 43.2 - 52.8V) | | **Output Voltage** | 12 VDC | Fixed single output voltage | | **Output Current** | 83 mA | Maximum current delivery | | **Power Rating** | 1 Watt | Total output power | | **Isolation** | 1000 VDC | Input-to-output dielectric strength | | **Package** | SIP7 | Single In-line Package with 7 pins | | **Efficiency** | ~78 - 80% | Energy conversion efficiency | --- ## 2. Key Internal Components & Architecture The internal circuitry of this module typically consists of several critical electronic stages: ### A. Power Switching Stage * **PWM Controller:** A miniature pulse-width modulation IC that regulates the energy transfer. * **Switching Transistor (MOSFET):** Toggles the DC input at high frequencies (typically 50kHz to 100kHz) to allow it to pass through a transformer. ### B. Isolation Stage * **High-Frequency Transformer:** This is the "heart" of the device. It provides the **1000VDC isolation** barrier, ensuring that electrical noise or surges on the input side do not reach the output side. ### C. Rectification & Filtering * **Schottky Diodes:** Used for fast rectification of the high-frequency AC coming off the transformer back into DC. * **Capacitive Filtering:** Internal ceramic capacitors smooth out the "ripple" voltage to provide a clean DC signal. --- ## 3. Pin Configuration (SIP7) | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | +V Input | Positive supply voltage | | 2 | -V Input | Input ground/return | | 4 | -V Output | Negative output terminal | | 6 | +V Output | Positive output terminal | | 3, 5, 7 | N.C. | No Connection (used for mechanical stability) | --- ## 4. Common Applications * **Industrial Controls:** Breaking ground loops in complex sensor networks. * **Telecom Equipment:** Converting 48V rail power down to 12V for local logic circuits. * **Data Acquisition:** Providing isolated power to sensitive Analog-to-Digital Converters (ADCs).
    ✨ Follow-up Questions
    • ⤷ What is the operating temperature range for the AM1D series?
    • ⤷ Does this model require external capacitors for stability?
    • ⤷ What are the primary differences between the RZ and the NZ suffix in Aimtec converters?