Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AM1DR-2403S-RZ

  • AI
    ## AM1DR-2403S-RZ: Technical Overview The **AM1DR-2403S-RZ** is a high-performance, miniature DC-DC converter manufactured by **Aimtec**. It is designed to provide a regulated voltage output while providing galvanic isolation between the input and output circuits. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 21.6 - 26.4 VDC (Nominal 24V) | | **Output Voltage** | 3.3 VDC | | **Output Current** | 303 mA (Max) | | **Output Power** | 1 Watt | | **Isolation Voltage** | 3000 VDC | | **Package Type** | SIP7 (Single In-line Package, 7 pins) | | **Efficiency** | ~72% | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Components To understand how this part works, it can be broken down into these electronic sub-sections: * **Input Filter:** Uses internal capacitors to reduce reflected ripple current back to the main power source. * **Switching Regulator (PWM):** Converts the DC input into a high-frequency AC signal. This allows for the use of a very small transformer. * **Isolation Transformer:** The "heart" of the device. It transfers energy via a magnetic field, ensuring there is no direct electrical connection between the 24V input and the 3.3V output. This protects sensitive logic components. * **Rectification & Smoothing:** Converts the high-frequency AC back into stable 3.3V DC. * **Internal Protection:** Features continuous short-circuit protection to prevent the device from burning out during a fault. --- ### 3. Pin Configuration (SIP7) Typically, the AM1DR series follows a standard SIP7 layout: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | +Vin | Positive Input Voltage | | 2 | -Vin | Negative Input (Ground) | | 5 | -Vout | Negative Output (Common) | | 6 | NC | No Connection | | 7 | +Vout | Positive Output Voltage | --- ### 4. Common Applications 1. **Digital Logic Power:** Stepping down 24V industrial rails to 3.3V for microcontrollers or FPGAs. 2. **Noise Isolation:** Breaking ground loops in sensitive analog-to-digital measurement circuits. 3. **Industrial Automation:** Powering sensors and communication modules (RS-485/CAN bus) that require isolated power. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum ripple and noise level for this specific model?
    • ⤷ Does the AM1DR-2403S-RZ require external capacitors for stability?
    • ⤷ What are the physical dimensions of the SIP7 package used by Aimtec?