AM1DR-2415S-RZ
AI

The **AM1DR-2415S-RZ** is a high-performance, isolated DC-DC converter manufactured by **Aimtec**. It is designed to convert a 24V DC input into a regulated 15V DC output, providing electrical isolation between the input and output stages.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 21.6V to 26.4V DC (Nominal 24V) |
| **Output Voltage** | 15V DC |
| **Output Current** | 67 mA (Max) |
| **Power Rating** | 1 Watt |
| **Isolation Voltage** | 1000 VDC |
| **Package Type** | SIP7 (Single In-line Package) |
| **Efficiency** | ~75% to 80% |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Electronic Architecture & Components
The internal construction of the AM1DR-2415S-RZ involves several critical stages to ensure stable power delivery:
#### A. Input Filtering
The device includes internal capacitors to minimize input ripple. However, for industrial applications, it is common to add an external **electrolytic capacitor** to handle high-frequency noise.
#### B. Switching Regulator (Oscillator)
Since DC cannot pass through a transformer, the device uses an internal high-frequency switching circuit (oscillator) to convert the DC input into a square wave (AC).
#### C. Isolation Transformer
The core of the component is a miniature high-frequency transformer. This provides the **1000VDC isolation**, ensuring that a fault on the input side does not propagate to sensitive components on the output side.
#### D. Rectification and Regulation
The "R" in the part number suffix often denotes **Regulated**. Unlike basic unregulated converters, this unit contains a feedback loop and a linear or switching regulator that maintains the 15V output even if the load or input voltage fluctuates slightly.
---
### 3. Pinout Configuration (SIP7)
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | +Vin | Positive Input Voltage |
| 2 | -Vin | Negative Input (Ground) |
| 4 | -Vout | Negative Output |
| 6 | +Vout | Positive Output |
| 3, 5, 7 | N.C. | No Connection (Used for mechanical stability) |
---
### 4. Common Applications
* **Digital Circuits:** Powering 15V logic or sensors from a standard 24V industrial rail.
* **Noise Reduction:** Breaking ground loops in sensitive analog measurement equipment.
* **Safety:** Providing a barrier between high-voltage power sections and user-accessible interfaces.
- ⤷What is the difference between a regulated and unregulated version of this converter?
- ⤷ What external capacitors are recommended for the AM1DR-2415S-RZ?
- ⤷ Does this model offer short-circuit protection?