AI

The **AM20-R22K-RC** is a high-reliability, axial-leaded molded inductor manufactured by **Bourns**. It belongs to the **AM20** series, which is designed for applications requiring high stability and precision in a compact, leaded package.
---
### ## Technical Specifications
The following table summarizes the key electrical and physical parameters for this specific part number:
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance** | 0.22 µH (Microhenries) |
| **Tolerance** | ±10% (Indicated by 'K') |
| **Inductance Code** | R22 (R = Decimal point) |
| **Current Rating (Idc)** | 1350 mA (1.35 A) |
| **DC Resistance (DCR)** | 0.12 Ω (Maximum) |
| **Self-Resonant Frequency (SRF)** | 400 MHz (Minimum) |
| **Q Factor (Min)** | 45 (at 25.2 MHz) |
| **Operating Temperature** | -55°C to +105°C |
| **Termination/Plating** | Tin (RoHS Compliant - 'RC') |
---
### ## Part Number Breakdown
Understanding the nomenclature helps in identifying variants within the same series:
1. **AM20**: The series name (Axial Molded, small form factor).
2. **R22**: The inductance value ($0.22\mu H$).
3. **K**: The tolerance rating ($\pm 10\%$).
4. **RC**: Indicates RoHS Compliance.
---
### ## Key Features and Construction
* **Molded Construction:** The internal coil is encapsulated in a rugged epoxy resin. This protects the component from environmental factors like moisture, mechanical shock, and vibration.
* **Axial Leaded:** It features two wire leads extending from opposite ends, making it suitable for **Through-Hole Technology (THT)** mounting on PCBs.
* **High Q Factor:** Offers low energy loss at high frequencies, which is essential for RF and signal processing circuits.
---
### ## Common Applications
Due to its high resonant frequency and stable inductance, the AM20-R22K-RC is typically used in:
* **RF Tuning:** Used in radio frequency circuits for filtering and impedance matching.
* **Signal Decoupling:** Preventing high-frequency noise from entering sensitive power rails.
* **Oscillators:** Serving as a frequency-determining element in LC circuits.
* **Communication Equipment:** Modems, routers, and handheld transceivers.
- ⤷
What are the differences between axial molded inductors and SMD power inductors?
- ⤷ How does the 'Q factor' impact the performance of this inductor in a circuit?
- ⤷ Is there a shielded version of this component for EMI-sensitive designs?