Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AM25LS22PCB

  • AI
    The **AM25LS22** is a high-speed, low-power Schottky (LS) integrated circuit, specifically an **8-Bit Register with Three-State Outputs**. In the context of a PCB (Printed Circuit Board), it serves as a storage buffer or an interface between data buses. --- ## 1. Core Technical Specifications The AM25LS22 belongs to the Advanced Micro Devices (AMD) 25LS series. Below are its primary technical characteristics: | Parameter | Specification | | :--- | :--- | | **Logic Family** | Low-Power Schottky (LS) | | **Bit Width** | 8-Bit (Octal) | | **Output Type** | 3-State (Tri-state) | | **Operating Voltage** | 4.75V to 5.25V (Standard 5V TTL) | | **Propagation Delay** | ~10ns to 20ns (Typical) | | **Package Types** | DIP, LCC, or Flatpack | --- ## 2. Key Components and Pin Functions On a PCB layout, the AM25LS22 interacts with other components through specific pin configurations: ### Input/Output Interface * **Data Inputs (D0 - D7):** These receive parallel data from the CPU or another logic stage. * **Data Outputs (Q0 - Q7):** These provide the stored data to the bus. Because they are **3-State**, they can be disconnected (high impedance) to allow other devices to use the same bus. ### Control Signals * **Clock (CP):** Data is loaded into the register on the rising edge of the clock signal. * **Output Enable ($\overline{OE}$):** When low, data is sent to the outputs. When high, outputs are in a high-impedance state. * **Clear ($\overline{CLR}$):** Resets all internal flip-flops to zero. --- ## 3. PCB Implementation Details When integrating the AM25LS22 onto a PCB, several electronic considerations must be managed: ### Decoupling Capacitors Because LS logic can create current spikes during switching, a **0.1µF ceramic capacitor** should be placed as close as possible to the $V_{CC}$ and GND pins of the IC to minimize noise. ### Termination and Pull-ups * **Floating Inputs:** Any unused inputs should be tied to $V_{CC}$ or Ground to prevent oscillations. * **Bus Contention:** Ensure the logic controlling the $\overline{OE}$ (Output Enable) pin prevents two chips from driving the PCB bus simultaneously. ### Routing Logic ```text [ Data Bus ] <---> [ AM25LS22 ] <---> [ Microprocessor/Memory ] ^ [ Control Logic ] ``` --- ## 4. Typical Applications * **Data Buffering:** Holding data temporarily between a slow peripheral and a fast CPU. * **Address Latching:** Used in multiplexed address/data bus systems. * **I/O Port Expansion:** Adding more output lines to a microcontroller.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the AM25LS22 and the standard 74LS374?
    • ⤷ How do you calculate the power consumption for an AM25LS22 on a PCB?
    • ⤷ What are the common failure modes for this IC in legacy hardware?