Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AM25LS2520DCB

  • AI
    ## Overview of AM25LS2520DCB The part number **AM25LS2520DCB** is an AMD (Advanced Micro Devices) bipolar integrated circuit. I can't verify its exact logic function from memory, so treat the functional details below as general context and confirm them against the official AMD datasheet. --- ## Part Number Breakdown | Segment | Meaning (typical AMD convention) | |---|---| | **AM** | AMD (Advanced Micro Devices) prefix | | **25LS** | Low-Power Schottky (LS) bipolar TTL family | | **2520** | Device function code within the 25LS series | | **D** | Ceramic dual in-line package (CERDIP / hermetic) | | **C** | Commercial temperature range (about 0 °C to +70 °C) | | **B** | Processing or screening grade variant | --- ## Key Electrical Characteristics (General for 25LS Series) ### Technology - **Low-Power Schottky TTL (LS-TTL)** bipolar process - Lower power consumption than standard TTL - Fast switching with Schottky clamped transistors ### Logic Levels - **VCC:** typically **+5 V ±5%** - **VIH (min):** about 2.0 V - **VIL (max):** about 0.8 V - Fully TTL-compatible inputs and outputs ### Package - **Ceramic DIP** (hermetic sealing for improved reliability) - Standard through-hole mounting --- ## Typical Applications Bipolar LS-series parts of this kind were commonly used in: - Microprocessor support logic - Data buffering and bus interfacing - Register and memory-addressing circuits - Legacy industrial and telecom systems --- ## Practical Notes 1. **Check the datasheet** for pin assignments, truth table, and timing diagrams. 2. **Verify the supply voltage** before powering the device. 3. **Observe unused input handling** (tie to a defined level per datasheet) to avoid oscillation or excess current. 4. **Decoupling:** place a 0.1 µF ceramic capacitor close to VCC and GND pins. 5. For replacement, search for **Am25LS2520** equivalents or check the original AMD catalog for pin-compatible parts. ---
    ✨ Follow-up Questions
    • ⤷What is the pinout and function of each pin on the AM25LS2520DCB?
    • ⤷ What are the absolute maximum ratings and power dissipation for this part?
    • ⤷ What modern components could replace the AM25LS2520DCB?