Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AM29LS18DM

  • AI
    The **AM29LS18DM** is a high-performance integrated circuit (IC) belonging to the Advanced Micro Devices (AMD) family of bipolar Schottky devices. Specifically, it is a **Quad 2-Input Multiplexer with 3-State Outputs**. Below is a detailed breakdown of its technical specifications and functionality. --- ### 1. General Overview The AM29LS18DM is designed for high-speed data path applications. It essentially acts as a switch that selects one of two data sources for four independent output lines. | Feature | Description | | :--- | :--- | | **Logic Family** | Low-Power Schottky (LS) | | **Package Type** | CDIP (Ceramic Dual In-Line Package) - "DM" suffix | | **Operating Temp** | Military Grade (-55°C to +125°C) | | **Function** | Quad 2-Input Multiplexer | | **Output Type** | 3-State (High, Low, High-Impedance) | --- ### 2. Internal Pin Configuration The device typically comes in a 16-pin package. Its logic is divided into four identical sections. | Pin Type | Name | Function | | :--- | :--- | :--- | | **Inputs** | A0-A3 / B0-B3 | Two sets of 4-bit data inputs. | | **Select** | S | Chooses between Input A (Low) or Input B (High). | | **Enable** | /G or /OE | Output Enable. When High, outputs are High-Z. | | **Outputs** | Y0-Y3 | The selected data bits. | | **Power** | VCC / GND | Typically 5V DC. | --- ### 3. Key Electronic Characteristics The "LS" (Low-power Schottky) designation indicates a specific balance between speed and power consumption. * **3-State Outputs:** Unlike standard logic, these pins can be "disconnected" electronically (High-Impedance mode). This allows multiple devices to share a single data bus without causing short circuits. * **Schottky Clamping:** Uses Schottky diodes to prevent the transistors from saturating, which significantly decreases switching time compared to standard TTL. * **High Fan-out:** Capable of driving multiple logic gates or bus lines simultaneously. --- ### 4. Logic Truth Table The operation of the AM29LS18DM can be summarized by the following logic states: | Output Enable (/G) | Select (S) | Output (Y) | Status | | :---: | :---: | :---: | :--- | | H | X | **Z** | High Impedance (Disabled) | | L | L | **A** | Data from Input A selected | | L | H | **B** | Data from Input B selected | --- ### 5. Common Applications * **Bus Buffering:** Interfacing microprocessors with shared memory or peripheral buses. * **Data Routing:** Directing data flows between different registers in a CPU architecture. * **Military Electronics:** Because of the "DM" (Ceramic Military) rating, it is often found in legacy aerospace or defense systems where thermal stability is critical.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the AM29LS18DM and the standard 74LS157 multiplexer?
    • ⤷ Can the AM29LS18DM be replaced by a modern CMOS equivalent?
    • ⤷ How does the 'DM' suffix affect the thermal management requirements of the PCB?