AM29LS18DMB
AI

The **AM29LS18DMB** is a high-performance, high-speed integrated circuit designed as a Quad D-Type Flip-Flop with 3-state outputs. It belongs to the Advanced Low-Power Schottky (ALS/LS) family, specifically manufactured by Advanced Micro Devices (AMD) to meet military specifications.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Logic Family** | LS (Low-Power Schottky) |
| **Function** | Quad D-Type Register |
| **Output Type** | 3-State (Tri-state) |
| **Package Type** | DMB (Ceramic Side-Brazed Dual-In-Line Package) |
| **Temperature Range** | Military Grade (-55°C to +125°C) |
| **Supply Voltage ($V_{CC}$)** | 4.5V to 5.5V |
| **Clock Frequency (Max)** | Approx. 40-50 MHz |
---
### 2. Internal Functional Components
The chip consists of four individual edge-triggered D-type flip-flops. These parts work together to store and buffer data.
1. **D-Inputs:** Four data input lines ($D_0$ through $D_3$).
2. **Clock (CP):** A common clock input. Data is loaded into the registers on the Low-to-High transition (Positive Edge).
3. **Output Enable ($\overline{OE}$):** A control pin that determines if the outputs are active or in a high-impedance state (Hi-Z).
* If $\overline{OE}$ is LOW, data is available.
* If $\overline{OE}$ is HIGH, the outputs are effectively "disconnected" from the bus.
4. **Clear ($\overline{CLR}$):** Usually an asynchronous reset that forces all outputs to a logic LOW regardless of the clock or data inputs.
---
### 3. Pinout & Logic Diagram
While the physical pinout is standard for a 16-pin DIP, the internal logic flow is represented as follows:
```text
+-----+--+-----+
/OE |1 +--+ 16| VCC
Q0 |2 15| D0
Q1 |3 14| D1
Q2 |4 AM29LS18 |13| D2
Q3 |5 12| D3
/CLR |6 11| CP (Clock)
GND |8 10| NC (or specific)
+--------------+
```
---
### 4. Applications and Usage
* **Bus-Oriented Systems:** Because of the 3-state outputs, this part is ideal for driving memory or data buses where multiple devices share the same lines.
* **Buffer Registers:** Used to temporarily store 4-bit nibbles of data between different processing stages.
* **Military/Aerospace Hardware:** The "DMB" suffix indicates a ceramic package and military-grade testing, making it suitable for environments with extreme temperatures and high reliability requirements.
- ⤷
What are the differences between the 'LS' and 'ALS' versions of this chip?
- ⤷ Can you provide a truth table for the AM29LS18 logic states?
- ⤷ How does the 'DMB' suffix impact the soldering and thermal management of the IC?