AM29LS18FMB
AI

### AM29LS18FMB Technical Overview
The **AM29LS18FMB** is a specialized integrated circuit historically produced by Advanced Micro Devices (AMD). It belongs to the **Low-power Schottky (LS)** TTL family and functions as a high-speed quad D-type register with 3-state outputs.
---
### 1. Key Technical Specifications
| Parameter | Description |
| :--- | :--- |
| **Logic Family** | LS-TTL (Low-power Schottky) |
| **Function** | Quad D-Type Register |
| **Package Type** | FMB (Typically indicates a Ceramic Flatpack, Military Grade) |
| **Operating Voltage** | 4.75V to 5.25V (Standard TTL) |
| **Output Type** | 3-State (Tri-state) |
| **Input Type** | Common Clock and Common Output Enable |
---
### 2. Functional Description
The AM29LS18 consists of four edge-triggered D-type flip-flops. These components are essential for data storage and synchronization in digital systems.
#### Key Features:
* **Edge-Triggered:** Data is transferred from the input to the output on the rising edge of the clock signal.
* **3-State Outputs:** This allows the device to be connected directly to bus-oriented systems. When the Output Enable ($\overline{OE}$) is high, the outputs are in a high-impedance state, effectively disconnecting them from the bus.
* **Schottky Clamping:** Uses Schottky diode technology to reduce internal storage time, leading to faster switching speeds than standard TTL while maintaining lower power consumption than standard Schottky (S) series.
---
### 3. Pin Configuration Concepts
While the specific pinout depends on the physical package, the logic mapping generally follows this structure:
| Pin Name | Function |
| :--- | :--- |
| **$D_0 - D_3$** | Data Inputs |
| **$Q_0 - Q_3$** | Data Outputs (3-State) |
| **CP (Clock)** | Clock Pulse (Active on rising edge) |
| **$\overline{OE}$** | Output Enable (Active Low) |
| **Vcc / GND** | Power Supply and Ground |
---
### 4. Typical Applications
Due to the **"MB"** suffix (often denoting Military Grade/Burn-in), this part is typically found in high-reliability environments:
1. **Military Avionics:** Reliable data buffering in flight computers.
2. **Legacy Computing:** Bus-driving and temporary data storage in 16-bit or 32-bit architectures.
3. **Digital Signal Processing:** Synchronizing data streams between different clock domains.
---
### 5. Truth Table (Simplified)
```text
Inputs | Internal | Output
OE CP D | Q | Q
----------------|----------|-------
H X X | L/H | Z (High Impedance)
L ↑ L | L | L
L ↑ H | H | H
L L X | No Ch | No Ch
```
- ⤷
What are the modern functional equivalents for the AM29LS18?
- ⤷ What is the difference between the LS and the S versions of this chip?
- ⤷ How does the 'FMB' package affect the thermal properties of the IC?