Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AM29SL800CB120EIB

  • AI
    The **AM29SL800CB120EIB** is a specific integrated circuit belonging to the Flash Memory family, originally manufactured by AMD (now part of the Spansion/Cypress/Infineon lineage). It is a low-voltage, CMOS-based Boot Sector Flash memory chip. --- ## 1. Technical Specifications The part number encodes specific technical attributes. Here is the breakdown of its core characteristics: | Feature | Specification | | :--- | :--- | | **Memory Capacity** | 8 Megabits (1 MB) | | **Architecture** | 1M x 8-bit or 512K x 16-bit (Boot Sector) | | **Operating Voltage** | 1.8V – 2.2V (Low Voltage) | | **Access Time** | 120 Nanoseconds (ns) | | **Package Type** | 48-ball Fine-pitch Ball Grid Array (FBGA) | | **Temperature Range** | Industrial (-40°C to +85°C) | --- ## 2. Key Internal Components & Architecture ### A. Memory Array Configuration The device is organized as a **Boot Sector** architecture. This means the memory is divided into blocks (sectors), where some are "parameter sectors" (smaller, for configuration data) and the rest are "main sectors" (larger, for program code). * **Top/Bottom Boot:** The "CB" in the suffix indicates it is a **Bottom Boot** device, meaning the smaller parameter sectors are located at the lower address range. ### B. Command User Interface (CUI) Unlike RAM, Flash requires a specific sequence of "commands" written to the device to perform operations. The internal CUI handles: * **Program/Erase Controller:** An internal state machine that automates the high-voltage pulsing required to write or clear data. * **Unlock Bypass:** A feature that allows for faster programming sequences by reducing command overhead. ### C. Input/Output (I/O) Buffers The chip features dual-organization support. By toggling the **BYTE#** pin, the user can switch between an 8-bit (Byte) or 16-bit (Word) wide data bus. --- ## 3. Pinout and Physical Characteristics The **EIB** suffix specifically refers to the physical package and material: * **E:** Fine-pitch Ball Grid Array (FBGA). * **I:** Industrial Temperature grade. * **B:** Pb-free (Lead-free) / RoHS compliant. --- ## 4. Typical Applications Due to its low voltage and robust data retention (20 years typical), this chip was widely used in: * **Mobile Devices:** Cell phones and PDAs requiring low power consumption. * **Embedded Systems:** Industrial controllers and automotive telematics. * **Networking:** Storing firmware for routers and modems.
    ✨ Follow-up Questions
    • How does the 'Bottom Boot' sector configuration affect firmware development compared to 'Top Boot'?
    • What is the specific pinout for the 48-ball FBGA package for this chip?
    • How do you perform a hardware reset on the AM29SL800CB?