AM2D-1205D-RZ
AI

### Overview of the AM2D-1205D-RZ
The **AM2D-1205D-RZ** is a high-performance, low-power DC-DC converter manufactured by **Aimtec**. It is part of the AM2D series, which features 2-watt isolated power supplies in a compact DIP14 package.
---
### Key Technical Specifications
The following table summarizes the core electrical characteristics of this specific component:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 10.8V to 13.2V DC (Nominal 12V) |
| **Output Voltage** | Dual ±5V DC |
| **Output Current** | ±200 mA |
| **Isolation Voltage** | 1000 VDC |
| **Efficiency** | ~75% to 80% |
| **Package Type** | DIP14 (Dual In-line Package) |
| **Operating Temperature** | -40°C to +85°C |
---
### Component Breakdown & Features
#### 1. Input/Output Configuration
* **Dual Output:** The "D" in the part number signifies a dual output. It provides both a positive (+5V) and a negative (-5V) rail relative to a common ground. This is ideal for powering operational amplifiers (Op-Amps) or analog sensors.
* **Isolation:** The "RZ" suffix denotes a specific design iteration, often providing 1000 VDC of galvanic isolation between the input and output circuits. This protects sensitive electronics from high-voltage surges or ground loops.
#### 2. Protection Mechanisms
* **Short Circuit Protection:** The device is designed to withstand short-duration shorts on the output side without permanent damage.
* **Low Ripple and Noise:** It is engineered to minimize electromagnetic interference (EMI), which is critical for precision instrumentation.
#### 3. Physical Dimensions
The DIP14 footprint is standard for PCB through-hole mounting.
* **Size:** Approximately 20.32 x 10.16 x 6.85 mm.
* **Pin Material:** Phosphor bronze with solder plating.
---
### Typical Applications
* **Industrial Controls:** Powering sensors and PLC modules.
* **Telecommunications:** Providing isolated voltage for communication interfaces.
* **Medical Equipment:** Separating patient-facing electronics from main power supplies (where 1kV isolation is sufficient).
* **Analog Circuits:** Providing the ±5V rails required for high-fidelity audio or signal processing.
---
### Schematic Symbol & Pinout Guide
While you should always consult the official Aimtec datasheet, the standard DIP14 pinout for dual output converters generally follows this logic:
* **Pin 1:** -V Input
* **Pin 7:** NC (No Connection)
* **Pin 8:** Common (Output Ground)
* **Pin 9:** +V Output
* **Pin 11:** -V Output
* **Pin 14:** +V Input
- ⤷
What are the specific soldering requirements for the DIP14 package of this converter?
- ⤷ Can this converter be used in parallel to increase output current?
- ⤷ Does this model require external capacitors for stability?