AM2D-1509DH30-RZ
AI

The **AM2D-1509DH30-RZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It belongs to the AM2D-RZ series, which is specifically designed for industrial and telecommunication applications where isolation and voltage regulation are required in a compact form factor.
---
### 1. General Specifications
Below are the primary technical parameters for this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 13.5V to 16.5V (Nominal 15V) |
| **Output Voltage** | Dual Output ±9V DC |
| **Output Current** | ±111mA (Max) |
| **Output Power** | 2 Watts |
| **Isolation Voltage** | 3000 VDC |
| **Efficiency** | ~75% - 82% |
| **Package Type** | DIP14 (Dual In-line Package) |
---
### 2. Key Features and Component Design
* **Dual Output:** This part provides two symmetrical voltage rails (Positive and Negative 9V), which is essential for powering operational amplifiers (Op-Amps) and sensitive analog circuitry.
* **High Isolation:** The "H30" in the part number indicates an isolation rating of **3000 VDC**. This protects sensitive logic-side components from high-voltage spikes or noise on the power-side.
* **Continuous Short Circuit Protection:** The device includes internal circuitry to prevent damage if the output is accidentally grounded.
* **Operating Temperature:** Typically rated for **-40°C to +85°C**, making it suitable for harsh industrial environments without needing forced air cooling.
---
### 3. Pin Configuration (Typical DIP14)
While always verifying with the latest datasheet, the standard layout for this series is:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | -Vin | Negative Input Voltage |
| 7 | NC | No Connection |
| 8 | Common | Common Ground for Outputs |
| 9 | +Vout | Positive 9V Output |
| 11 | -Vout | Negative 9V Output |
| 14 | +Vin | Positive Input Voltage |
---
### 4. Application Use Cases
* **Analog Circuits:** Providing the positive and negative rails for precision instrumentation amplifiers.
* **Data Acquisition:** Isolating the digital controller side from the analog sensor side to reduce ground loop noise.
* **Industrial Controls:** Powering RS-485 or CAN bus transceivers that require isolated power.
- ⤷
What are the main differences between the AM2D-RZ series and the standard AM2D series?
- ⤷ How should I calculate the external decoupling capacitors for this converter?
- ⤷ Can this module be used in medical applications requiring specific safety certifications?