AM2D-1512S-RZ
AI

The **AM2D-1512S-RZ** is a high-performance, isolated DC-DC converter manufactured by **Aimtec**. It is designed to provide a stable, regulated output voltage from a higher-voltage source while ensuring electrical isolation between the input and output circuits.
---
## 1. Technical Specifications
The following table summarizes the core electronic characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage (Nominal)** | 15 VDC |
| **Input Voltage Range** | 13.5 VDC to 16.5 VDC (±10%) |
| **Output Voltage** | 12 VDC |
| **Output Current** | 167 mA (Max) |
| **Power Rating** | 2 Watts |
| **Isolation Voltage** | 1000 VDC |
| **Package / Case** | SIP7 (Single In-line Package) |
| **Efficiency** | ~80% (Typical) |
---
## 2. Key Features
* **Galvanic Isolation:** Provides a barrier of 1000 VDC, protecting sensitive downstream components from input-side surges or noise.
* **Regulated Output:** Unlike some low-cost DC-DC converters, this model provides a stable 12V output even if the input fluctuates within its specified range.
* **Short Circuit Protection:** Includes built-in mechanisms to prevent damage during output faults.
* **Compact Footprint:** The SIP7 package allows for high-density mounting on Printed Circuit Boards (PCBs).
---
## 3. Pinout Configuration (SIP7)
The device typically follows a standard SIP7 layout. *Always verify with the specific datasheet before soldering.*
1. **+V Input:** Positive supply voltage.
2. **-V Input:** Ground/Return for the input.
4. **-V Output:** Negative output terminal.
5. **Common/NP:** (No Pin or internal connection).
6. **+V Output:** Positive 12V output.
---
## 4. Typical Applications
* **Industrial Controls:** Powering sensors that require 12V from a 15V rail.
* **Communication Systems:** Eliminating ground loops in RS-485 or CAN bus interfaces.
* **Mixed-Signal Circuits:** Separating noisy digital power from clean analog power supplies.
* **Battery Powered Systems:** Maintaining a steady 12V output as the battery discharges slightly.
- ⤷
What are the recommended decoupling capacitors for the AM2D-1512S-RZ?
- ⤷ Does this model support continuous short-circuit protection?
- ⤷ Are there versions of this converter with higher isolation (e.g.
- ⤷ 3000 VDC)?