AM2D-1512SH30-RZ
AI

## AM2D-1512SH30-RZ: Electronic Component Overview
The **AM2D-1512SH30-RZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It belongs to a series designed to provide stable power conversion with high isolation in a compact form factor.
---
### 1. Technical Specifications
Below are the primary electrical characteristics of this specific module:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 13.5V to 16.5V DC (Nominal 15V) |
| **Output Voltage** | 12V DC |
| **Output Current** | 167 mA (Max) |
| **Isolation Voltage** | 3000 VDC |
| **Power Rating** | 2 Watts |
| **Efficiency** | ~80% (Typical) |
| **Package Style** | SIP7 (Single In-line Package) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Breakdown of the Part Number
The alphanumeric code provides specific details about the component's internal architecture:
* **AM2D**: Series name (2 Watt DC-DC Converter).
* **15**: Nominal input voltage (15V).
* **12**: Output voltage (12V).
* **S**: Single Output (as opposed to dual/triple).
* **H30**: 3000V DC Isolation rating.
* **RZ**: Refers to the specific packaging/case material and RoHS compliance status.
---
### 3. Key Features and Applications
#### Features
* **Galvanic Isolation:** The 3000V isolation protects sensitive downstream components from high-voltage surges on the input side.
* **Short Circuit Protection:** Features continuous short-circuit protection with auto-recovery.
* **Compact Footprint:** The SIP7 package is ideal for space-constrained PCB designs.
* **Unregulated Output:** Note that this is typically an unregulated converter, meaning the output voltage may fluctuate slightly depending on the load and input stability.
#### Applications
* **Industrial Controls:** Powering sensors and microcontrollers in factory environments.
* **Data Communication:** Providing isolated power for RS-232, RS-485, or CAN bus interfaces.
* **Medical Equipment:** Used in non-patient-contact devices requiring high isolation.
* **Distributed Power Architectures:** Where localized voltage conversion is needed from a main 15V rail.
---
### 4. Typical Connection Diagram
```text
AM2D-1512SH30-RZ
+-------------------+
| |
(1) Vin+ Vout+ (7) ----> To Load (+)
| |
(2) Vin- Vout- (5) ----> To Load (-)
| |
+-------------------+
```
*(Pin numbers may vary; always consult the specific Aimtec datasheet for your PCB layout).*
- ⤷
What is the difference between regulated and unregulated DC-DC converters?
- ⤷ How do I calculate the thermal derating for this component at high temperatures?
- ⤷ Can this module be used in parallel to increase output current?