AM2D-1515SH30-RZ
AI

The **AM2D-1515SH30-RZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It is designed to provide isolation and voltage regulation in industrial and electronic applications.
Below is a detailed breakdown of its electronic specifications and characteristics.
---
### 1. Key Technical Specifications
The model name is alphanumeric, where each part represents a specific feature (Input voltage, Output voltage, Isolation).
| Feature | Specification |
| :--- | :--- |
| **Input Voltage (Nominal)** | 15 VDC |
| **Output Voltage** | 15 VDC |
| **Max Output Current** | 133 mA |
| **Max Power Output** | 2 Watts |
| **Isolation Voltage** | 3000 VDC (High Isolation) |
| **Package Type** | DIP8 (Dual In-line Package) |
| **Efficiency** | ~80% (Typical) |
---
### 2. Detailed Electronic Characteristics
#### A. Isolation and Safety
The "H30" in the part number indicates **3000 VDC isolation**. This means the input circuitry and output circuitry are electrically separated, preventing high-voltage spikes or noise from crossing over to the sensitive load side.
#### B. Regulation
This is a **regulated** converter. Unlike unregulated DC-DC converters where the output voltage fluctuates based on the input voltage or load changes, this part maintains a stable 15V output within a specific tolerance range.
#### C. Protections
The device typically includes standard protection features to ensure longevity:
* **Continuous Short Circuit Protection:** The unit can withstand a short on the output side without permanent damage.
* **Thermal Protection:** Designed to operate in temperatures ranging from **-40°C to +85°C**.
---
### 3. Pinout Configuration (Standard DIP8)
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | -Vin | Negative Input Voltage |
| 2 | +Vin | Positive Input Voltage |
| 3 | NC | No Connection (usually) |
| 5 | +Vout | Positive Output Voltage |
| 7 | -Vout | Negative Output Voltage |
| 8 | NC | No Connection |
---
### 4. Common Applications
* **Industrial Controls:** Powering sensors that require isolated 15V rails.
* **Data Acquisition:** Reducing ground loop noise in precision measurement circuits.
* **Telecommunications:** Distributing power across different voltage domains.
* **Medical Equipment:** Utilizing the high isolation (3000VDC) for safety barriers.
---
- ⤷
What is the difference between the AM2D-1515SH30-RZ and the unregulated version?
- ⤷ How do I calculate the thermal derating for this component at high temperatures?
- ⤷ Can this converter be used to create a negative 15V rail?