AM2D-2412SH30-RZ
AI

## Overview of AM2D-2412SH30-RZ
The **AM2D-2412SH30-RZ** is a high-performance, isolated DC-DC converter manufactured by **Aimtec**. It is designed to provide a regulated voltage source in industrial and communication applications where space is limited and high isolation is required.
---
### 1. Key Technical Specifications
The model number provides a shorthand for its primary electrical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Input Voltage (Nominal)** | 24V DC (Range: 21.6V to 26.4V) |
| **Output Voltage** | 12V DC |
| **Output Current** | 167 mA (Max) |
| **Power Rating** | 2 Watts |
| **Isolation Voltage** | 3000V DC |
| **Package Type** | DIP14 (Dual In-line Package) |
| **Efficiency** | ~80% |
---
### 2. Electronic Component Breakdown
This module integrates several internal electronic components to achieve voltage conversion and isolation:
* **Switching Controller:** High-frequency PWM (Pulse Width Modulation) circuit to convert DC to a high-frequency AC signal.
* **Isolation Transformer:** A miniature high-frequency transformer that provides the **3000V DC isolation** between the input and output stages.
* **Rectification & Filtering:** Low-ESR capacitors and Schottky diodes to convert the AC signal back to a stable DC output with low ripple/noise.
* **Protection Circuitry:** Built-in continuous short-circuit protection to prevent damage during fault conditions.
---
### 3. Pin Configuration (Typical)
The device follows a standard industrial footprint. Below is a general mapping for the DIP14 package:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | -Vin | Negative Input Voltage |
| 7 | NC | No Connection |
| 8 | NC | No Connection |
| 9 | +Vout | Positive Output Voltage |
| 11 | -Vout | Negative Output Voltage |
| 14 | +Vin | Positive Input Voltage |
---
### 4. Application Use Cases
This part is primarily used in sensitive electronic environments:
* **Industrial Controls:** Powering sensors while isolating them from the main power bus noise.
* **Communication Equipment:** Providing stable 12V rails for localized transceivers.
* **Medical Devices:** Utilizing the high 3000V DC isolation for safety requirements (where applicable).
* **Power Distribution:** Converting a standard 24V industrial rail down to a 12V logic or analog supply.
---
### 5. Part Number Nomenclature
The name follows Aimtec's specific coding system:
* **AM2D:** 2 Watt Series
* **24:** 24V Nominal Input
* **12:** 12V Output
* **S:** Single Output
* **H30:** 3000V DC Isolation
* **RZ:** Specific package/revision code (DIP14)
- ⤷What is the difference between the H30 and H60 isolation ratings for this series?
- ⤷ Are there specific decoupling capacitors recommended for the input/output pins?
- ⤷ Can this converter operate at extreme temperatures above 85 degrees Celsius?