AM2D-4805DH30-RZ
AI

## AM2D-4805DH30-RZ: Overview and Electronic Specifications
The **AM2D-4805DH30-RZ** is a high-performance, isolated DC-DC converter manufactured by Aimtec. It is designed to provide regulated power in a compact SIP7 package, commonly used in industrial and telecommunication applications where space and isolation are critical.
---
### 1. Key Technical Specifications
The part number itself acts as a code for its primary electronic characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 36V to 72V DC (Nominal 48V) |
| **Output Voltage** | Dual ±5V DC |
| **Output Current** | ±200mA |
| **Power Rating** | 2 Watts |
| **Isolation Voltage** | 3000 VDC (H30 suffix) |
| **Package Type** | SIP7 (Single In-line Package) |
| **Efficiency** | ~75% - 80% |
---
### 2. Electronic Component Breakdown
Understanding the internals and pinout of this device is essential for PCB design:
#### **A. Input Section**
* **Wide Input Range:** The "48" in the part number indicates a nominal 48V input, but the "2:1" or wide input capability allows it to handle fluctuations between 36V and 72V.
* **Filtering:** Typically requires an external electrolytic capacitor (e.g., 4.7µF to 100µF) to reduce input ripple current and protect against voltage spikes.
#### **B. Isolation and Protection**
* **H30 Rating:** The "H30" signifies high isolation—up to **3000V DC**. This provides a safety barrier between the high-voltage input side and the sensitive output electronics.
* **Short Circuit Protection:** Most models in this series include continuous short-circuit protection with auto-recovery.
#### **C. Output Section**
* **Dual Output:** The "D" signifies dual output (+5V and -5V). This is ideal for powering operational amplifiers (Op-Amps) or analog-to-digital converters (ADCs) that require symmetrical rails.
* **Regulation:** Unlike "unregulated" converters, the "RZ" series provides a stable output voltage regardless of minor fluctuations in the input voltage or load.
---
### 3. Pin Configuration (SIP7)
The physical interface consists of 7 pins (though some may be omitted depending on the specific layout):
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | -Vin | Negative Input Voltage |
| 2 | +Vin | Positive Input Voltage |
| 4 | +Vout | Positive Output Voltage (+5V) |
| 5 | Common | Output Common/Ground |
| 6 | -Vout | Negative Output Voltage (-5V) |
---
### 4. Typical Applications
* **Industrial Automation:** Powering sensors and control logic from a 48V bus.
* **Telecommunications:** Converting standard 48V telecom power to lower logic levels.
* **Data Acquisition:** Providing clean, isolated dual rails for analog signal conditioning.
* **Distributed Power Architectures:** Where localized voltage regulation is needed to prevent noise propagation.
- ⤷
What are the recommended external filter values for reducing output ripple on this model?
- ⤷ Can this converter be used in a single-output configuration (10V) instead of dual (+/- 5V)?
- ⤷ What is the operating temperature range for the AM2D-4805DH30-RZ?