Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • AM2D-4809DH30-RZ

  • AI
    The **AM2D-4809DH30-RZ** is a high-performance DC-DC converter manufactured by **Aimtec**. It is designed to provide isolation and voltage regulation in industrial and telecommunications applications. --- ## 1. Technical Specifications Below are the primary electrical and physical characteristics of the module: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 36V to 72V DC (Nominal 48V) | | **Output Voltage** | ±9V DC (Dual Output) | | **Output Current** | ±111 mA | | **Power Rating** | 2 Watts | | **Isolation Voltage** | 3000 VDC | | **Efficiency** | ~80% (Typical) | | **Package Style** | DIP14 (Dual In-line Package) | | **Operating Temperature** | -40°C to +85°C | --- ## 2. Key Features and Meaning of the Part Number The alphanumeric code provides specific details about the component's architecture: * **AM2D**: Series name (2W Isolated DC-DC Converter). * **48**: Nominal Input Voltage (48V). * **09**: Output Voltage (9V). * **D**: Dual Output (provides both +9V and -9V relative to a common ground). * **H30**: Indicates 3000VDC Isolation level. * **RZ**: Package/Case type (DIP14 plastic case). --- ## 3. Circuit Application This part is commonly used as a "Local Isolated Power Supply." It serves several critical functions in a circuit: ### Common Use Cases 1. **Noise Isolation**: Separating sensitive analog circuits from noisy digital power rails. 2. **Dual Rail Generation**: Creating a $\pm$9V rail from a single 48V source to power Operational Amplifiers (Op-Amps). 3. **Ground Loop Elimination**: Preventing current flow between two different ground potentials. ### Typical Connection Diagram ```text Input side (48V) Output side (±9V) +-------------------+ +--------------------+ | +Vin (Pin 1) | | +Vout (Pin 7) | ----> +9V | | | Common (Pin 8) | ----> 0V (GND) | -Vin (Pin 14) | | -Vout (Pin 9) | ----> -9V +-------------------+ +--------------------+ ``` --- ## 4. Safety and Protection The **AM2D-4809DH30-RZ** includes internal safeguards: * **Short Circuit Protection**: Protects the module from damage if the output is accidentally grounded. * **Galvanic Isolation**: The 3000VDC rating ensures that high-voltage spikes on the input side do not reach the sensitive output side.
    ✨ Follow-up Questions
    • ⤷What are the pinout configurations for the DIP14 package of this model?
    • ⤷ How does the efficiency of this converter change under low load conditions?
    • ⤷ Are there any recommended external filters for reducing output ripple?